Electronic Components Datasheet Search
  English  ▼

X  

GPSGMSMA Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # GPSGMSMA
Description  Active GPS Antenna
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

GPSGMSMA Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  GPSGMSMA Datasheet HTML 1Page - Pulse A Technitrol Company GPSGMSMA Datasheet HTML 2Page - Pulse A Technitrol Company GPSGMSMA Datasheet HTML 3Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
pulseelectronics.com/products/antennas
Active GPS Antenna
Pulse Part Number GPSGM Family
San Diego, CA 858 674 8100
Vancouver, WA 360 944 7551
Europe 49 7032 7806 0
Asia 86 755 33966678
North Asia 886 3 4356768
China 86 512 6807 9998
L112.A (03/11)
2
pulseelectronics.com/products/antennas
LNA Specifications
Gain [dB ± 2]
26
Noise Figure [dBi]
1 Max
Current Draw [mA]
12 typical
Voltage [Dc]
3 - 5 (± 10%)
Environmental Specifications
Operating Temperature [°C]
-40 to +85
Storage Temperature [°C]
-40 to +85
Relative Humidity [%]
20 to 95
Mechanical Specifications
Radome Material
PC-ABS Plastic Blend
Color
Black
Height [Inches/Meters]
.2 / 5.45
Width [Inches/Meters]
1.18 x 2 / 30 x 50
Mounting
Die cut double-sided
tape included
Electrical Specifications
Frequency [MHz]
1575.42
Nominal Impedance [Ω]
50
VSWR Max
1.5:1
Gain [dBi Max]
1.5
Radiation Pattern
Omni-directional
Cable Type
RG-174



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com