Electronic Components Datasheet Search
  English  ▼

X  

GPSDM08 Datasheet(PDF) 3 Page - Pulse A Technitrol Company

Part # GPSDM08
Description  GLASS MOUNT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

GPSDM08 Datasheet(HTML) 3 Page - Pulse A Technitrol Company

  GPSDM08 Datasheet HTML 1Page - Pulse A Technitrol Company GPSDM08 Datasheet HTML 2Page - Pulse A Technitrol Company GPSDM08 Datasheet HTML 3Page - Pulse A Technitrol Company GPSDM08 Datasheet HTML 4Page - Pulse A Technitrol Company GPSDM08 Datasheet HTML 5Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
1 800 ANTENNA (268-3662)
29
NOTE: Antennas are not to scale
GPS
gPs MUlTi band direCT MOUnTs
GPS multi band direct mount antennas have the following
specifications:
Frequency:
824-960 / 1710-2170 / 1575.4 MHz
VSWR:
<2.0:1
Gain:
2 dBi / 2 dBi / 5 dBic
LNA Gain:
26 dB ± 2 dB
Pattern:
Omni / Omni / Hemispherical
Voltage:
3 or 5 V DC
Polarization:
Vertical / Vertical / Right-Hand Circular
Coax:
16.4’ RG-174 / 16.4’ RG-174
Mounting:
Direct Feed 3/4” hole
size
Model
l x W x d (in)
Color
Connector
GPSCP00
7.6 x 3.4 x 1.3
Black
TNC/SMA
GPSCP01
7.6 x 3.4 x 1.3
White
No Conn
GPSCP02
7.6 x 3.4 x 1.3
Black
No Conn/SMA
GPSCP03
7.6 x 3.4 x 1.3
White
No Conn/SMA
GPSCP04
7.6 x 3.4 x 1.3
Black
No Conn/SMB
GPSCP05
7.6 x 3.4 x 1.3
White
No Conn/SMB
GPSCP06
7.6 x 3.4 x 1.3
Black
SMA/SMA
GPSCO07
7.6 x 3.4 x 1.3
White
SMA/SMA
GPSCP08
7.6 x 3.4 x 1.3
Black
MPL/SMA
GPSCP09
7.6 x 3.4 x 1.3
White
MPL/SMA
GPSCP10
7.6 x 3.4 x 1.3
Black
TNC/BNC
GPSCWCP00
3.9 x 2.3 x 3.2
Black
TNC/SMA
GPSCWCP01
3.9 x 2.3 x 3.2
Black
No Conn/SMA
GPSCWCP02
3.9 x 2.3 x 3.2
Black
No Conn/SMB
GPSCWCP03
3.9 x 2.3 x 3.2
Black
SMA/MPL
GPSCWCP04
3.9 x 2.3 x 3.2
Black
SMA/SMA
GPSCP
GPSCW
gPs lTe direCT MOUnTs
size
frequency
gain
H x dia
Model
(MHz)
(dbd/dbi) Polarization
VsWr Mounting
Voltage
(in)
Cable
Conn
GPSDM700/2500FFS 698-960/1710-2170/2300-2700
.9/3
Linear Vertical 2.0:1
3/4” Hole
3 or 5
3.5 x 4.16
17’ RG-58
FME
2400-2485/5150-5850
3.9/6
Linear Vertical
17’ RG-58
FME
1575.42
5 dBic
RHCP
17’ RG-174 SMA
GPSDM700/2500



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com