Electronic Components Datasheet Search
  English  ▼

X  

GPSDM700 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # GPSDM700
Description  LTE Multiband / Active GPS Roof Mount Antenna
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

GPSDM700 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  GPSDM700 Datasheet HTML 1Page - Pulse A Technitrol Company GPSDM700 Datasheet HTML 2Page - Pulse A Technitrol Company GPSDM700 Datasheet HTML 3Page - Pulse A Technitrol Company GPSDM700 Datasheet HTML 4Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
L154.D (08/13)
1
pulseelectronics.com/products/antennas
San Diego, CA 858 674 8100
Vancouver, WA 360 944 7551
Europe 49 7032 7806 0
Asia 86 755 33966678
North Asia 886 3 4356768
China 86 512 6807 9998
LTE Multiband / Active GPS
Roof Mount Antenna
Pulse Part Number GPSDM700/5800 Family
/
Pulse is proud to introduce a new state-of-the-art direct
mount multi band antenna. This body mount antenna
operates from 698 thru 5875 MHz, including LTE. The
antenna is ideal for voice, mobile data, Public Safety,
WLAN and asset tracking applications. The rugged,
yet aesthetically pleasing design provides UV and IP-65
protection to ensure a long, reliable, maintenance-free
life.
The antenna mount can accommodate up to a
5/8” (16 mm) thick surface. The GPSDM700/5800 has
3 cables to optimally support the different technologies.
Wireless voice, data and LTE frequencies are supported
by a single low-loss RG-58 cable. WLAN operates on a
separate RG-58 cable. The 26 dB gain GPS antenna has
its own RG-174 cable. Additional cable configurations,
lengths and connector options are
available upon request.
Features
• Single antenna supports multiple applications/
technologies
• Eliminates “antenna farm” vehicle appearance
• Separate cables create maximum application
flexibility
• Available in black or white
• Easily mounted through a single 3/4” hole
• RoHS Compliant Product
Applications
• Mobile and Fixed Broadband
• Navigation/Asset Tracking/Fleet Management
• LTE and 700 MHz Public Safety
P/N
Frequency
Cable
Type
Cable Length
(feet / meters) Color
Connectors
GPSDM700/5800SSS
698-960/1710-2170/2300-2700
2400-2485/5150-5875
1575.42
RG-58
RG-58
RG-174
17 / 5.18
17 / 5.18
17 / 5.18
Black
SMA Male
SMA Male
SMA Male
GPSDM700/5800GGT
698-960/1710-2170/2300-2700
2400-2485/5150-5875
1575.42
RG-58
RG-58
RG-174
17 / 5.18
17 / 5.18
17 / 5.18
Black
SMA Male
RPSMA Male
SMA Male
GPSDMW700/5800SSS
698-960/1710-2170/2300-2700
2400-2485/5150-5875
1575.42
RG-58
RG-58
RG-174
17 / 5.18
17 / 5.18
17 / 5.18
White
SMA Male
SMA Male
SMA Male


Similar Part No. - GPSDM700

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
GPSDM700 PULSE-GPSDM700 Datasheet
2Mb / 4P
LTE Multiband / Active GPS Roof Mount Antenna
GPSDM700 PULSE-GPSDM700 Datasheet
2Mb / 4P
GPSDM700/2500FFS
More results

Similar Description - GPSDM700

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AA109301111 ETC2-AA109301111 Datasheet
442Kb / 5P
Active GPS Antenna
logo
Pulse A Technitrol Comp...
GPSDM700 PULSE-GPSDM700 Datasheet
2Mb / 4P
LTE Multiband / Active GPS Roof Mount Antenna
GPSGMSMA PULSE-GPSGMSMA Datasheet
2Mb / 3P
Active GPS Antenna
logo
Laird Tech Smart Techno...
FHQ69273CD LSTD-FHQ69273CD Datasheet
311Kb / 2P
Phantom Fin Multiband Roof Mount Antenna
logo
Raltron Electronics Cor...
RPA-GP-A-47-SMA-5000-Y RALTRON-RPA-GP-A-47-SMA-5000-Y Datasheet
331Kb / 3P
ACTIVE GPS ANTENNA
logo
Pulse A Technitrol Comp...
W4000 PULSE-W4000 Datasheet
1Mb / 3P
Active GPS Antenna
logo
Maxtena Inc.
MEA-3-GGL MAXTENA-MEA-3-GGL Datasheet
944Kb / 4P
GPS/GLONASS/LTE ANTENNA
REV A
logo
Suzhou Maswell Communic...
AN_GPS_A001_FAKRA MASWELL-AN_GPS_A001_FAKRA Datasheet
492Kb / 3P
GPS Active Antenna
AN_GPS_A001_MMCX MASWELL-AN_GPS_A001_MMCX Datasheet
492Kb / 3P
GPS Active Antenna
AN_GPS_A001_SMA MASWELL-AN_GPS_A001_SMA Datasheet
491Kb / 3P
GPS Active Antenna
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com