Electronic Components Datasheet Search
  English  ▼

X  

P596 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # P596
Description  Inductors Designed for National?셲 50 kHz Simple Switcher
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

P596 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  P596 Datasheet HTML 1Page - Pulse A Technitrol Company P596 Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
P596.F (02/16)
1
pulseelectronics.com
Inductors Designed for National’s 50 kHz
Simple Switcher™
Power Beads - PA3790.XXXHL Series
Pulse Jack
E l e c t r o n i c s
NOTES:
1. Typical inductance occurs at the Idc and ETop values shown.
2. The control value of inductance is measured at Bop equal to or less than 10 gauss
without DC current.
3. Inductance decreases with higher values of DC current and increases with lower
values of DC current.
4. Inductance increases with increase in Bop or ETop.
5. SIMPLE SWITCHER™ is a trademark of National Semiconductor Corporation.
Electrical Specifications @ 25°C— Operating Temperature -40° to +130° C
Designed for use with National’s device
numbers LM2574/LM2575/LM2576
Base material meets flammability
requirements of UL 94V-0
Performance verified by National
Semiconductor
Part Identification
Reference Operating Values 1
Design Control Values
Part
Number
Inductor
Code
Inductance
Typical
(
µH)
Idc
(Amps)
ETop
(V-
µSec)
Inductance
No DC 2
(
µH ± 20%)
DCR
(
Ω MAX)
Package
Style
Lead
Diameter
PE-53112NL
L47
47
3.0
90
38
0.05
KM-2.0
.025
PE-92114KNL
L68
36
5.0
90
56
0.02
KM-4.0
.040
PE-92108KNL
L100
100
3.0
90
91
0.04
KM-4.0
.032
PE-53113NL
L150
150
2.0
90
130
0.10
KM-4.0
.025
PE-52626NL
L220
220
1.4
90
230
0.38
Low Profile
.025 SQ.
PE-53145NL
L220
220
1.4
90
176
0.14
KM-3.0
.020
PE-52627NL
L330
330
0.9
90
302
0.74
Low Profile
.025 SQ.
PE-53146NL
L330
330
0.9
90
267
0.18
KM-3.0
.020
PE-53114NL
L470
470
0.64
90
426
0.16
KM-4.0
.025
PE-52629NL
L680
680
.85
90
657
1.25
Low Profile
.025 SQ.
PE-53115NL
H150
150
3.0
200
136
0.10
KM-4.0
.025
PE-53116NL
H220
220
3.0
200
167
0.07
KM-5.0
.032
PE-53117NL
H330
330
3.0
200
292
0.15
KM-5.0
.025
PE-53118NL
H470
470
2.0
200
369
0.17
KM-5.0
.025
PE-53119NL
H680
680
1.3
200
562
0.20
KM-5.0
.025
PE-53120NL
H1000
1000
0.95
200
762
0.24
KM-5.0
.025
PE-53121NL
H1500
1500
0.62
200
1150
1.00
Case
.032
PE-53122NL
H220
2200
0.42
200
1886
1.80
Case
.032


Similar Part No. - P596

ManufacturerPart #DatasheetDescription
logo
TEKTRONIX, INC.
P5960 TEKTRONIX-P5960 Datasheet
410Kb / 6P
Tektronix Logic Analyzer Probes
logo
Hamamatsu Corporation
P5968-060 HAMAMATSU-P5968-060 Datasheet
170Kb / 4P
InSb photovoltaic detector
P5968-100 HAMAMATSU-P5968-100 Datasheet
170Kb / 4P
InSb photovoltaic detector
P5968-105 HAMAMATSU-P5968-105 Datasheet
170Kb / 4P
InSb photovoltaic detector
P5968-200 HAMAMATSU-P5968-200 Datasheet
170Kb / 4P
InSb photovoltaic detector
More results

Similar Description - P596

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
6985 FILTRAN-6985 Datasheet
61Kb / 1P
Inductors National?셲 150 KHz SIMPLE SWITCHER
logo
Pulse A Technitrol Comp...
PE-53933SNLT PULSE-PE-53933SNLT Datasheet
97Kb / 2P
Toroid - Designed for National?셲 150kHz Simple Switcher?
PE-53112NL PULSE-PE-53112NL Datasheet
630Kb / 2P
Inductors Designed for National?셲 50 kHz Simple Switcher?
PE-52629 PULSE-PE-52629 Datasheet
373Kb / 2P
inductors designed for national?셲 50 kHz simple switcher
PE-53819 PULSE-PE-53819 Datasheet
97Kb / 2P
THT/SMT POWER INDUCTORS Toroid - Designed for National?셲 150kHz Simple Switcher?
PE-54037S PULSE-PE-54037S Datasheet
120Kb / 2P
THT/SMT POWER INDUCTORS Toroid - Designed for National?셲 150kHz Simple Switcher?
P0849 PULSE-P0849 Datasheet
126Kb / 2P
Toroid - Designed for National?셲 260kHz Simple Switcher
PE-53113NL PULSE-PE-53113NL Datasheet
630Kb / 2P
Inductors Designed for Nationals 50 kHz Simple Switcher
PE-53116NL PULSE-PE-53116NL Datasheet
630Kb / 2P
Inductors Designed for Nationals 50 kHz Simple Switcher
PE-53801NL PULSE-PE-53801NL Datasheet
97Kb / 2P
Toroid - Designed for National?셲 150kHz Simple Switcher
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com