Electronic Components Datasheet Search
  English  ▼

X  

2299987 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 2299987
Description  VARIOFACE system cable with D-SUB female connector and pin strip
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2299987 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  2299987 Datasheet HTML 1Page - PHOENIX CONTACT 2299987 Datasheet HTML 2Page - PHOENIX CONTACT 2299987 Datasheet HTML 3Page - PHOENIX CONTACT 2299987 Datasheet HTML 4Page - PHOENIX CONTACT 2299987 Datasheet HTML 5Page - PHOENIX CONTACT 2299987 Datasheet HTML 6Page - PHOENIX CONTACT 2299987 Datasheet HTML 7Page - PHOENIX CONTACT 2299987 Datasheet HTML 8Page - PHOENIX CONTACT 2299987 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CABLE-D...SUB...
100008_en_06
PHOENIX CONTACT
3
5Ordering data
5.1
Shielded system cable with D-SUB female
connector and pin strip
–
Assembly: D-SUB female connector at one end, D-SUB
pin strip at the other end according to IEC 807-2/
DIN 41652 (1:1 connection)
–
Cable outlet: Straight
–
Metal-plated housing
–
Screw connection: 2 UNC 4-40 screws
Standard lengths
Special lengths can be defined using an order
key, see ordering example on page 4.
Description
Number of
positions
Cable
length
Type
Order No.
Pcs./
Pkt.
Assembled round cable, with 9-pos. D-SUB female
connector and pin strip in fixed lengths
90.5 m
1.0 m
1.5 m
2.0 m
3.0 m
4.0 m
6.0 m
CABLE-D 9SUB/B/S/ 50/KONFEK/S
CABLE-D 9SUB/B/S/100/KONFEK/S
CABLE-D 9SUB/B/S/150/KONFEK/S
CABLE-D 9SUB/B/S/200/KONFEK/S
CABLE-D 9SUB/B/S/300/KONFEK/S
CABLE-D 9SUB/B/S/400/KONFEK/S
CABLE-D 9SUB/B/S/600/KONFEK/S
2299987
2299990
2300009
2302010
2302023
2302036
2302049
1
1
1
1
1
1
1
Assembled round cable, with 9-pos. D-SUB female
connector and pin strip in variable lengths
9
Variable
CABLE D-SUB-S/09S/C01/...
1
2302340
2
1
Assembled round cable, with 15-pos. D-SUB female
connector and pin strip in fixed lengths
15
0.5 m
1.0 m
1.5 m
2.0 m
3.0 m
4.0 m
6.0 m
CABLE-D 15SUB/B/S/ 50/KONFEK/S
CABLE-D 15SUB/B/S/100/KONFEK/S
CABLE-D 15SUB/B/S/150/KONFEK/S
CABLE-D 15SUB/B/S/200/KONFEK/S
CABLE-D 15SUB/B/S/300/KONFEK/S
CABLE-D 15SUB/B/S/400/KONFEK/S
CABLE-D 15SUB/B/S/600/KONFEK/S
2302052
2302065
2302078
2302081
2302094
2302104
2302117
1
1
1
1
1
1
1
Assembled round cable, with 15-pos. D-SUB female
connector and pin strip in variable lengths
15
Variable
CABLE D-SUB-S/15S/C28/...
1
2302340
2
1
Assembled round cable, with 25-pos. D-SUB female
connector and pin strip in fixed lengths
25
0.5 m
1.0 m
1.5 m
2.0 m
3.0 m
4.0 m
6.0 m
CABLE-D 25SUB/B/S/ 50/KONFEK/S
CABLE-D 25SUB/B/S/100/KONFEK/S
CABLE-D 25SUB/B/S/150/KONFEK/S
CABLE-D 25SUB/B/S/200/KONFEK/S
CABLE-D 25SUB/B/S/300/KONFEK/S
CABLE-D 25SUB/B/S/400/KONFEK/S
CABLE-D 25SUB/B/S/600/KONFEK/S
2302120
2302133
2302146
2302159
2302162
2302175
2302188
1
1
1
1
1
1
1
Assembled round cable, with 25-pos. D-SUB female
connector and pin strip in variable lengths
25
Variable
CABLE D-SUB-S/25S/C36/...
1
2302340
2
1
Assembled round cable, with 37-pos. D-SUB female
connector and pin strip in fixed lengths
37
0.5 m
1.0 m
1.5 m
2.0 m
3.0 m
4.0 m
6.0 m
CABLE-D 37SUB/B/S/ 50/KONFEK/S
CABLE-D 37SUB/B/S/100/KONFEK/S
CABLE-D 37SUB/B/S/150/KONFEK/S
CABLE-D 37SUB/B/S/200/KONFEK/S
CABLE-D 37SUB/B/S/300/KONFEK/S
CABLE-D 37SUB/B/S/400/KONFEK/S
CABLE-D 37SUB/B/S/600/KONFEK/S
2302191
2302201
2302214
2302227
2302230
2302243
2302256
1
1
1
1
1
1
1
Assembled round cable, with 37-pos. D-SUB female
connector and pin strip in variable lengths
37
Variable
CABLE D-SUB-S/37S/C43/...
1
2302340
2
1
Assembled round cable, with 50-pos. D-SUB female
connector and pin strip in fixed lengths
50
0.5 m
1.0 m
1.5 m
2.0 m
3.0 m
4.0 m
6.0 m
CABLE-D 50SUB/B/S/ 50/KONFEK/S
CABLE-D 50SUB/B/S/100/KONFEK/S
CABLE-D 50SUB/B/S/150/KONFEK/S
CABLE-D 50SUB/B/S/200/KONFEK/S
CABLE-D 50SUB/B/S/300/KONFEK/S
CABLE-D 50SUB/B/S/400/KONFEK/S
CABLE-D 50SUB/B/S/600/KONFEK/S
2302269
2302272
2302285
2302298
2302308
2302311
2302324
1
1
1
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com