Electronic Components Datasheet Search
  English  ▼

X  

S4242SS Datasheet(PDF) 6 Page - Summit Microelectronics, Inc.

Part # S4242SS
Description  Dual Voltage Supervisory Circuit With Watchdog Timer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

S4242SS Datasheet(HTML) 6 Page - Summit Microelectronics, Inc.

Back Button S4242SS Datasheet HTML 2Page - Summit Microelectronics, Inc. S4242SS Datasheet HTML 3Page - Summit Microelectronics, Inc. S4242SS Datasheet HTML 4Page - Summit Microelectronics, Inc. S4242SS Datasheet HTML 5Page - Summit Microelectronics, Inc. S4242SS Datasheet HTML 6Page - Summit Microelectronics, Inc. S4242SS Datasheet HTML 7Page - Summit Microelectronics, Inc. S4242SS Datasheet HTML 8Page - Summit Microelectronics, Inc. S4242SS Datasheet HTML 9Page - Summit Microelectronics, Inc. S4242SS Datasheet HTML 10Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
S4242/S42WD42/S4261/S42WD61
2025 6.0 4/17/00
PIN CONFIGURATIONS
FIGURE 6. TYPICAL SYSTEM CONFIGURATION USING A PUSH BUTTON RESET AND BATTERY MONITOR CIRCUIT
FIGURE 7. TYPICAL SYSTEM CONFIGURATION FOR DUAL RESET WITH VCC MONITOR AND 3.3VOLT MONITOR
VLOW#
RESET#
VSENSE
GND
VCC
RESET
SCL
SDA
1
2
3
4
8
7
6
5
8-Pin PDIP
or 8-Pin SOIC
2025 T PCon 2.0
PIN NAMES
VCC = 5.0V ±10%
VLOW#
RESET#
VSENSE
GND
VCC
RESET
SCL
SDA
S42xxx
RESET#
SCL
SDA
I2C Peripheral
SCL
SDA
RESET#
General
Purpose
MCU
2025 T fig07 2.0
SECOND CARD
VOLTAGE
3.0V ±5%
VCC = 3.0V or 5.0V
VLOW#
RESET#
VSENSE
GND
VCC
RESET
SCL
SDA
S42xxx
RESET#
SCL
SDA
I2C Peripheral
RST
SCL (P0.0)
SDA (P0.1)
INTO (P1.5)
8051 Type
MCU
PB_RST#
2025 T fig06 2.0
VBAT
TRIP
VBAT TO
REGULATOR
l
o
b
m
y
Sn
i
Pn
o
i
t
p
i
r
c
s
e
D
V
W
O
L
#1
n
e
h
w
e
v
i
t
c
a
,
t
u
p
t
u
o
n
i
a
r
d
n
e
p
O
V
E
S
N
E
S
V
4
2
.
1
<
#
T
E
S
E
R2
O
/
I
w
o
l
e
v
i
t
c
A
V
E
S
N
E
S
3
V
.
t
u
p
n
i
e
g
a
t
l
o
v
r
o
t
i
n
o
m
d
n
2
W
O
L
#
V
4
2
.
1
<
n
e
h
w
t
u
p
t
u
o
D
N
G4
d
n
u
o
r
g
l
a
t
i
g
i
d
&
g
o
l
a
n
A
A
D
S5
e
n
il
a
t
a
d
O
/
I
y
r
o
m
e
m
l
a
i
r
e
S
L
C
S6
k
c
o
l
c
y
r
o
m
e
m
l
a
i
r
e
S
T
E
S
E
R7
O
/
I
h
g
i
h
e
v
i
t
c
A
V
C
C
8e
g
a
t
l
o
v
y
l
p
p
u
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com