Electronic Components Datasheet Search
  English  ▼

X  

2926328 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2926328
Description  CABLE-D-50SUB/F/OE/0,25/S/2,0M
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2926328 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2926328 Datasheet HTML 1Page - PHOENIX CONTACT 2926328 Datasheet HTML 2Page - PHOENIX CONTACT 2926328 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 3
http://www.phoenixcon.com
Feb 3, 2011
Extract from the online
catalog
 
CABLE-D-50SUB/F/OE/0,25/S/2,0M
Order No.: 2926328
The figure shows the 25-pos. version
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2926328
 
 
Shielded cable with a 50-pos. D-SUB female connector and one open
end. The individual wires are labeled 1 to 50 and fitted with ferrules.
The braided shield is routed to a separate cable end. Cable length: 2
m.
 
Commercial data
GTIN (EAN)
4
046356
546911
sales group
I682
Pack
1 pcs.
Customs tariff
85444290
Catalog page information
Page 247 (NTK-2010)
Product notes
WEEE/RoHS-compliant since:
08/09/2010
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
General
Nominal voltage UN
125 V AC/DC
Max. current carrying capacity per path
2 A
Max. conductor resistance
≤ 0.09 Ω/m


Similar Part No. - 2926328

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2926328 PHOENIX-2926328 Datasheet
117Kb / 5P
UM 45-D50SUB/S/ZFKDS
2926328 PHOENIX-2926328 Datasheet
183Kb / 5P
FLKM-D50 SUB/S/LA
2926328 PHOENIX-2926328 Datasheet
124Kb / 5P
FLKM-D50 SUB/S/ZFKDS
2926328 PHOENIX-2926328 Datasheet
171Kb / 5P
FLKM-D50 SUB/S/MKKDS
More results

Similar Description - 2926328

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1416570 PHOENIX-1416570 Datasheet
92Kb / 4P
Network cable - VS-OE-OE-936-100,0
2903395 PHOENIX-2903395 Datasheet
69Kb / 4P
Cable - CABLE-EC56/F/OE/0,34/S/ 1,0M
2903400 PHOENIX-2903400 Datasheet
67Kb / 3P
Cable - CABLE-EC56/F/OE/0,34/S/10,0M
2903401 PHOENIX-2903401 Datasheet
67Kb / 3P
Cable - CABLE-EC56/F/OE/0,34/S/15,0M
2903402 PHOENIX-2903402 Datasheet
69Kb / 4P
Cable - CABLE-EC56/F/OE/0,34/S/20,0M
2903478 PHOENIX-2903478 Datasheet
60Kb / 5P
Cable - CABLE-FCN40/1X50/ 2,0M/IP/MEL
2904076 PHOENIX-2904076 Datasheet
48Kb / 3P
Cable - CABLE-FLK10/OE/0,14/ 2,0M
1417333 PHOENIX-1417333 Datasheet
305Kb / 7P
Network cable - VS-OE-OE-94B
1416392 PHOENIX-1416392 Datasheet
219Kb / 5P
Network cable - VS-OE-OE-93A-100,0
2321732 PHOENIX-2321732 Datasheet
241Kb / 6P
Round cable - CABLE-FCN40/4X14/ 2,0M/M340
01/21/2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com