Electronic Components Datasheet Search
  English  ▼

X  

S4242PAS Datasheet(PDF) 14 Page - Summit Microelectronics, Inc.

Part # S4242PAS
Description  Dual Voltage Supervisory Circuit With Watchdog Timer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

S4242PAS Datasheet(HTML) 14 Page - Summit Microelectronics, Inc.

Back Button S4242PAS Datasheet HTML 8Page - Summit Microelectronics, Inc. S4242PAS Datasheet HTML 9Page - Summit Microelectronics, Inc. S4242PAS Datasheet HTML 10Page - Summit Microelectronics, Inc. S4242PAS Datasheet HTML 11Page - Summit Microelectronics, Inc. S4242PAS Datasheet HTML 12Page - Summit Microelectronics, Inc. S4242PAS Datasheet HTML 13Page - Summit Microelectronics, Inc. S4242PAS Datasheet HTML 14Page - Summit Microelectronics, Inc. S4242PAS Datasheet HTML 15Page - Summit Microelectronics, Inc. S4242PAS Datasheet HTML 16Page - Summit Microelectronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
S4242/S42WD42/S4261/S42WD61
2025 6.0 4/17/00
.228 (5.80)
.244 (6.20)
.016 (.40)
.035 (.90)
.020 (.50)
.010 (.25)
x45
°
.0192 (.49)
.0138 (.35)
.061 (1.75)
.053 (1.35)
.0098 (.25)
.004 (.127)
.05 (1.27) TYP.
.275 (6.99) TYP.
.030 (.762) TYP.
8 Places
.050 (1.27) TYP.
.050 (1.270) TYP.
8 Places
.157 (4.00)
.150 (3.80)
.196 (5.00)
1
.189 (4.80)
FOOTPRINT
8pn JEDEC SOIC ILL.2
8 Pin SOIC (Type S) Package JEDEC (150 mil body width)
8 Pin PDIP (Type P) Package
.375
(9.525)
PIN 1 INDICATOR
.015 (.381) Min.
.130 (3.302)
.100 (2.54)
TYP.
.018 (.457)
TYP.
.060
± .005
(1.524)
± .127
TYP.
.130 (3.302)
SEATING PLANE
.070 (1.778)
.0375 (0.952)
.300 (7.620)
5
°-7°TYP.
(4 PLCS)
.350 (8.89)
.009
± .002
(.229
± .051)
0
°-15°
.250
(6.350)
8pn PDIP/P ILL.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com