Electronic Components Datasheet Search
  English  ▼

X  

2N7002L Datasheet(PDF) 2 Page - ON Semiconductor

Part # 2N7002L
Description  Small Signal MOSFET 60 V, 115 mA, N-Channel SOT-23
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N7002L Datasheet(HTML) 2 Page - ON Semiconductor

  2N7002L Datasheet HTML 1Page - ON Semiconductor 2N7002L Datasheet HTML 2Page - ON Semiconductor 2N7002L Datasheet HTML 3Page - ON Semiconductor 2N7002L Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2N7002L
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−Source Breakdown Voltage
(VGS = 0, ID = 10 mAdc)
V(BR)DSS
60
−
−
Vdc
Zero Gate Voltage Drain Current
TJ = 25°C
(VGS = 0, VDS = 60 Vdc)
TJ = 125°C
IDSS
−
−
−
−
1.0
500
mAdc
Gate−Body Leakage Current, Forward
(VGS = 20 Vdc)
IGSSF
−
−
100
nAdc
Gate−Body Leakage Current, Reverse
(VGS = − 20 Vdc)
IGSSR
−
−
−100
nAdc
ON CHARACTERISTICS (Note 5)
Gate Threshold Voltage
(VDS = VGS, ID = 250 mAdc)
VGS(th)
1.0
−
2.5
Vdc
On−State Drain Current
(VDS ≥ 2.0 VDS(on), VGS = 10 Vdc)
ID(on)
500
−
−
mA
Static Drain−Source On−State Voltage
(VGS = 10 Vdc, ID = 500 mAdc)
(VGS = 5.0 Vdc, ID = 50 mAdc)
VDS(on)
−
−
−
−
3.75
0.375
Vdc
Static Drain−Source On−State Resistance
(VGS = 10 V, ID = 500 mAdc)
TC = 25°C
TC = 125°C
(VGS = 5.0 Vdc, ID = 50 mAdc)
TC = 25°C
TC = 125°C
rDS(on)
−
−
−
−
−
−
−
−
7.5
13.5
7.5
13.5
Ohms
Forward Transconductance
(VDS ≥ 2.0 VDS(on), ID = 200 mAdc)
gFS
80
−
−
mmhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS = 25 Vdc, VGS = 0, f = 1.0 MHz)
Ciss
−
−
50
pF
Output Capacitance
(VDS = 25 Vdc, VGS = 0, f = 1.0 MHz)
Coss
−
−
25
pF
Reverse Transfer Capacitance
(VDS = 25 Vdc, VGS = 0, f = 1.0 MHz)
Crss
−
−
5.0
pF
SWITCHING CHARACTERISTICS (Note 5)
Turn−On Delay Time
(VDD = 25 Vdc, ID ^ 500 mAdc,
td(on)
−
−
20
ns
Turn−Off Delay Time
(VDD = 25 Vdc, ID ^ 500 mAdc,
RG = 25 W, RL = 50 W, Vgen = 10 V)
td(off)
−
−
40
ns
BODY−DRAIN DIODE RATINGS
Diode Forward On−Voltage
(IS = 11.5 mAdc, VGS = 0 V)
VSD
−
−
−1.5
Vdc
Source Current Continuous
(Body Diode)
IS
−
−
−115
mAdc
Source Current Pulsed
ISM
−
−
− 800
mAdc
5. Pulse Test: Pulse Width
≤ 300 ms, Duty Cycle ≤ 2.0%.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com