Electronic Components Datasheet Search
  English  ▼

X  

B1360WS Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # B1360WS
Description  Easy installation with optional NMO Mounts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

B1360WS Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  B1360WS Datasheet HTML 1Page - Laird Tech Smart Technology B1360WS Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Innovative Technology
for a Connected World
global solutions: local support
TM
Americas: +1.847 839.6907
IAS-AmericasEastSales@lairdtech.com
Europe: +1.32.80.7866.12
IAS-EUSales@lairdtech.com
Asia: +1.65.6.243.8022
IAS-AsiaSales@lairdtech.com
www.lairdtech.com
Features
• Highperformancewideband
mobileantenna
• SpecialUVtreatedradome,resists
sundamage
• Easyinstallationwithoptional
NMOMounts
• 100%testedonanetworkanalyzer
Markets
• Publicsafety
• Transportation
• Utility
• Militarymobile
PreMiuM Mobile load Coil antennas are industry standard
LairdTechnologies’ongoingcommitmenttorefinementinmechanicalandelectrical
designhasresultedinthemosttechnicallyadvancedmobileloadcoilantennasonthe
market.Exclusivefeaturessuchasstainlesssteelwhips,housingsconstructedwithABS
materialinjectedmoldedaroundasolidbrassinsert,andgoldplatedpushpincontacts
makeLairdTechnologiestheobviouschoiceforqualityandlonglastingvaluefor
demandingmobileradiocommunications.
Wide band Mobile load Coil antenna
B1360W
ELECTRICAL
Frequency range
136-174 MHz
Center frequency
155 MHz
Gain
Unity
Pattern
Omnidirectional
Maxmium power
100 W
Nominal impedance
50 Ω
Polarization
Vertical
VSWR
<2.0:1
Termination
1-1/8”-18 thread (NMO) mounts
Mounting options
(sold separately)
3/4” or 3/8” NMO
magnetic or trunk mount
Radiator
17-7ph straight stainless steel
Shock spring
302 stainless steel
Base housing material
Molded ABS
Noise suppressor
(sold separately)
Blackhawk NS1535
sPeCiFiCations
MECHANICAL
Antenna length
Approximately 19.5” 49.4cm)
Diameter
1.44” (36.58mm)
Weight (mass)
0.590 lbs (9.44 oz)
Wind resistance
0.049 sq ft


Similar Part No. - B1360WS

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B136004 TRIPPLITE-B136004 Datasheet
499Kb / 2P
4-Port Component Video plus Stereo Audio over Cat5-Cat6 Extender Splitter, Box-Style Transmitter
More results

Similar Description - B1360WS

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSBAXX OPTOSUPPLY-OSBAXX Datasheet
61Kb / 3P
Long life, easy Installation
OSCAXX OPTOSUPPLY-OSCAXX Datasheet
71Kb / 4P
Long life, easy installation
OSCTXX OPTOSUPPLY-OSCTXX Datasheet
106Kb / 5P
Long life, easy installation
OSMFXX-C5 OPTOSUPPLY-OSMFXX-C5 Datasheet
414Kb / 4P
Long life, easy installation
OSMSRGB-C5 OPTOSUPPLY-OSMSRGB-C5 Datasheet
371Kb / 4P
Long life, easy installation
OSMTXX-C5 OPTOSUPPLY-OSMTXX-C5 Datasheet
286Kb / 4P
Long life, easy installation
OSWMXX OPTOSUPPLY-OSWMXX Datasheet
325Kb / 3P
Long life, easy installation
OSWPXX OPTOSUPPLY-OSWPXX Datasheet
321Kb / 3P
Long life, easy installation
SAD12-XXX28B31F OPTOSUPPLY-SAD12-XXX28B31F Datasheet
51Kb / 3P
Long life, easy installation
logo
List of Unclassifed Man...
RL-EB24-16FK-R1 ETC2-RL-EB24-16FK-R1 Datasheet
354Kb / 3P
Easy installation with Eisberg mounting kit
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com