Electronic Components Datasheet Search
  English  ▼

X  

DC25 Datasheet(PDF) 2 Page - Laird Tech Smart Technology

Part # DC25
Description  50 ohm passive feed dipole
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

DC25 Datasheet(HTML) 2 Page - Laird Tech Smart Technology

  DC25 Datasheet HTML 1Page - Laird Tech Smart Technology DC25 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ANT-DS-DC25 1115
Any information furnished by Laird Inc. and its agents is believed to be accurate and reliable. All specifications are subject to change without notice. Responsibility for the use and
application of Laird materials rests with the end user, since Laird and its agents cannot be aware of all potential uses. Laird makes no warranties as to the fitness, merchantability
or suitability of any Laird materials or products for any specific or general uses. Laird shall not be liable for incidental or consequential damages of any kind. All Laird products are
sold pursuant to the Laird Terms and Conditions of sale in effect from time to time, a copy of which will be furnished upon request. © Copyright 2015 Laird Inc. All Rights Reserved.
Laird, Laird Technologies, the Laird Logo, and other marks are trademarks or registered trademarks of Laird Inc. or an affiliate company thereof. Other product or service names
may be the property of third parties. Nothing herein provides a license under any Laird or any third party intellectual property rights.
PARAMETER
MIN
TYP
MAX
UNITS
Frequency Range
2500
2700
MHz
Gain
24
dBi
Input Return Loss (S11)
-14
Deg
VSWR
1.5:1
3 dB Beam Angle
8
Cross Pole
26
dB
Front-to-Back
24
dB
Side Lobe
-20
dB
Impedance
50
W
Focal Length
16 (40.6)
in (mm)
Dimension (L x W)
42 (107) x 24 (61)
in (mm)
Weight
5.5 (2)
lbs (kgs)
Pole Diameter (OD)
1 (25)
2 (50)
in (mm)
Operating Temperature
-45
+70
Deg C
Wind Loading
100 MPH
140 MPH
80.5 (36.5)
126 (57)
lbs (kgs)
SPECIFICATIONS
SYSTEM ORDERING INFORMATION
2.5 GHz die-cast grid antenna with N male connector
DC25HDPF2P
DC25HDPF2PF
2.5 GHz die-cast grid antenna with N female connector
NOTES
• All shipments F.O.B. Schaumburg, IL 60173
Directional Antenna System
DC25



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com