Electronic Components Datasheet Search
  English  ▼

X  

ECE118 Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # ECE118
Description  Cost-effective solution
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

ECE118 Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  ECE118 Datasheet HTML 1Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EcE118
Silicone Elastomer
USA: +1.866.928.8181
Europe: +49.0.8031.2460.0
Asia: +86.755.2714.1166
www.lairdtech.com
EMI-DS-ECE118 041715
Any information furnished by Laird and its agents is believed to be accurate and reliable. All specifications are subject to change without notice. Responsibility for the use and
application of Laird materials rests with the end user, since Laird and its agents cannot be aware of all potential uses. Laird makes no warranties as to the fitness, merchantability
or suitability of any Laird materials or products for any specific or general uses. Laird, Laird Technologies, Inc or any of its affiliates or agents shall not be liable for incidental or
consequential damages of any kind. All Laird products are sold pursuant to the Laird Technologies’ Terms and Conditions of sale in effect from time to time, a copy of which will
be furnished upon request. © Copyright 2015 Laird Technologies, Inc. All Rights Reserved. Laird, Laird Technologies, the Laird Logo, and other marks are trademarks or registered
trademarks of Laird Technologies, Inc. or an affiliate company thereof. Other product or service names may be the property of third parties. Nothing herein provides a license under
any Laird or any third party intellectual property rights.
FEATURES
• Utilizes both conductive and
non-conductive materials
• Provides stronger environmental shielding
to the outside of gaskets due to pure silicone
• Retains strong EMI protection
• Cost-effective solution
• Able to extrude in various sizes and profiles
MARKETS
• DataCom
• Military
• Medical
SILVER/COPPER FILLED SILICONE ELASTOMER
EcE118 is a silver-coated, copper-filled, silicone elastomer. This material can be molded, extruded, or formed
into sheets and then die cut. See our catalog for standard shapes that might be available to test, or provide
information about your needs for a custom profile.
SPECIFICATIONS
TARGET SPECIFICATION
Color
Tan
Elastomer Type
Silicone
Filler Type
Silver Copper
Hardness
70 Shore A
Volume Resistivity - pressure probe 0.004 ohm-cm, maximum
Volume Resistivity - surface probe
0.004 ohm-cm, maximum
Compression Set
30% max
Tensile Strength
450 psi, minimum
Elongation
100%-300%
Tear Strength
55 ppi, minimum
Compression/Deflection
3.5%, minimum
Specific Gravity
3.3 g/cc
UL94 Flame Rating
V-0
Low Temperature Flexibility
TR70 at -55°C
Outgassing
0.06 max


Similar Part No. - ECE118

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
ECE1117 MICROCHIP-ECE1117 Datasheet
1Mb / 83P
Multi-Function BC-Link/SMBus Companion Device
07/14/15
logo
Laird Tech Smart Techno...
ECE115 LSTD-ECE115 Datasheet
1Mb / 1P
Able to extrude in various sizes and profiles
ECE116 LSTD-ECE116 Datasheet
1Mb / 1P
Retains strong EMI protection
More results

Similar Description - ECE118

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EDR101A0500Z ETC1-EDR101A0500Z Datasheet
158Kb / 5P
Miniature,cost-effective switching solution
logo
Advantech Co., Ltd.
ARK-1310 ADVANTECH-ARK-1310 Datasheet
389Kb / 2P
Cost-effective, Entry-level Automation System Solution
ARK-1360 ADVANTECH-ARK-1360 Datasheet
408Kb / 2P
Cost Effective Intel짰 Atom??Solution with miniPCIe Expansion Slot
logo
Littelfuse
P1100GALRP LITTELFUSE-P1100GALRP Datasheet
110Kb / 3P
The series provides a cost-effective through-hole solution that enables
logo
Axiomtek Co., Ltd.
NA-820L AXIOMTEK-NA-820L Datasheet
159Kb / 1P
High performance and cost-effective solution
logo
ECS, Inc.
ECS-36-S-1 ECS-ECS-36-S-1 Datasheet
157Kb / 1P
Cost effective
logo
American Electronic Com...
DG27 AEC-DG27 Datasheet
355Kb / 2P
Cost effective
DG31A AEC-DG31A Datasheet
310Kb / 2P
Cost effective
DG81C AEC-DG81C Datasheet
336Kb / 2P
Cost effective
logo
Laird Tech Smart Techno...
ECE072 LSTD-ECE072 Datasheet
462Kb / 2P
Cost-effective solution
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com