Electronic Components Datasheet Search
  English  ▼

X  

HDDA3W Datasheet(PDF) 2 Page - Laird Tech Smart Technology

Part # HDDA3W
Description  Wide band operation
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

HDDA3W Datasheet(HTML) 2 Page - Laird Tech Smart Technology

  HDDA3W Datasheet HTML 1Page - Laird Tech Smart Technology HDDA3W Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ANT-DS-HDDA3W 0615
Any information furnished by Laird Inc. and its agents is believed to be accurate and reliable. All specifications are subject to change without notice. Responsibility for the use
and application of Laird materials rests with the end user, since Laird and its agents cannot be aware of all potential uses. Laird makes no warranties as to the fitness,
merchantability or suitability of any Laird materials or products for any specific or general uses. Laird shall not be liable for incidental or consequential damages of any kind. All
Laird products are sold pursuant to the Laird Terms and Conditions of sale in effect from time to time, a copy of which will be furnished upon request. © Copyright 2015 Laird
Inc. All Rights Reserved. Laird, Laird Technologies, the Laird Logo, and other marks are trademarks or registered trademarks of Laird Inc. or an affiliate company thereof. Other
product or service names may be the property of third parties. Nothing herein provides a license under any Laird or any third party intellectual property rights.
Dish antenna shown with
optional radome
SYSTEM ORDERING
HDDA3W-25-SP 25 dBi single polarity with N female
connector HDDA3W-25-DP 25 dBi dual polarity with N
female connector HDDA3W-29-SP 29 dBi single polarity
with N female connector HDDA3W-29-DP 29 dBi dual
polarity with N female connector DA5-29RADOME
Fiberglass Radome Cover for 2ft (0.3m) dish DA5-32RADOME
Fiberglass Radome Cover for 3ft (0.6m) dish
NOTES
• All shipments F.O.B. Schaumburg, IL 60173
WIND LOADING (LBS.)
SPECIFICATIONS
100MPH 125MPH
MODEL
HDDA3W-25
113
177
HDDA3W-25 with Radome
75
116
HDDA3W-29
256
400
HDDA3W-29 with Radome
111
174
MIN
TYP
MAX
UNITS
PARAMETER
Frequency range (single pol.)
3300
3800
MHz
Frequency range (dual pol. )
3300
3800
MHz
VSWR (single pol.)
1.5:1
1.7:1
VSWR (dual pol.)
1.5:1
1.8:1
Impedance
50
OHM
Cross-pol suppression
>30 dB
Sidelobes
ETSI EN 302.326-3 DN1-DN5
Input power
100
W
Mechanical downtilt
30
deg
Pole diameter (OD)
2 (50)
4 (101.6)
inch (mm)
Operating temperature
-40
+70
°C
PARAMETER
HDDA3W-25-xx
HDDA3W-29-xx
Gain
25 dBi
29 dBi
Beamwidth
8.5°
6°
Port-to-port isolation (dual pol.)
>30 dB
>30 dB
Front-to-back
>30 dB
>35 dB
Weight
8 kg
10 kg
Dimensions (diameter)
25.5 in (648 mm)
36.5 in (927 mm)
HD SERIESTM HIGH PERFORMANCE
DISH ANTENNA
HDDA3W



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com