Electronic Components Datasheet Search
  English  ▼

X  

SA49 Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # SA49
Description  Type N female integrated connector
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

SA49 Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  SA49 Datasheet HTML 1Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Americas: +1.847 839.6907
IAS-AmericasEastSales@lairdtech.com
Europe: +44.1628.858941
IAS-EUSales@lairdtech.com
Asia: +86.21.5855.0827.127
IAS-AsiaSales@lairdtech.com
www.lairdtech.com
4900-4990 MHz VERTICALLY POLARIZED SECTOR ANTENNA
The 90° vertically polarized sector antenna systems offered by Laird are designed specifically for public safety applications in
the 4.9 GHz licensed band. The utilization of high gain sector antennas can provide better and more controlled wireless
coverage than the traditional omnidirectional antenna. Overall coverage distance can be improved because of the more
directional signal from these antennas as well as the higher gains available. The UV stable fiberglass radome construction gives
long service life under the most demanding conditions. The sectors come with a stainless steel scissor bracket mounting system
for ease of installation and alignment.
FEATURES
• Vertically polarized
• High gain in compact package: 16 dBi gain , 90° beamwidth
• Type N female integrated connector
• Extremely rugged for long service life in extreme environments
• Weatherproof
VERTICALLY POLARIZED
SECTOR ANTENNAS
SA49
MARKETS
• Public safety base stations
• Point-to-multi-point systems
• Public safety broadband wireless
• Federal and local government
ANT-DS-SA49 1114
Any information furnished by Laird Inc. and its agents is believed to be accurate and reliable. All specifications are subject to change without notice. Responsibility for the use and
application of Laird materials rests with the end user, since Laird and its agents cannot be aware of all potential uses. Laird makes no warranties as to the fitness, merchantability or
suitability of any Laird materials or products for any specific or general uses. Laird shall not be liable for incidental or consequential damages of any kind. All Laird products are sold
pursuant to the Laird Terms and Conditions of sale in effect from time to time, a copy of which will be furnished upon request. © Copyright 2014 Laird Inc. All Rights Reserved. Laird,
Laird Technologies, the Laird Logo, and other marks are trade marks or registered trade marks of Laird Inc. or an affiliate company thereof. Other product or service names may be the
property of third parties. Nothing herein provides a license under any Laird or any third party intellectual property rights.
PARAMETER
SPECIFICATIONS
Frequency range
4900 - 4990 MHz
VSWR
1.5:1
Impedance
50 ohm
Input power
50 W
Pole diameter (OD)
1 - 2.4 in (25 - 60 mm)
Operating temperature
-40 to +70°C
Gain
16 dBi
Horizontal beamwidth
90°
Vertical beamwidth
9°
Mechanical downtilt
10°
Weight
5.7 lbs (2.6 kg)
Dimensions (L x W x H))
20 x 6 x 2.4 in (500 x 155 x 60 mm)
SYSTEM ORDERING
SA49-90-16
16 dBi 90° 4.9 GHz VPOL sector antenna
WIND LOADING
MODEL
SQ. IN 100 MPH 125 MPH
100 MPH
1/2 IN RADIAL ICE
SA49-90-16 120
30 lb
47 lb
32 lb
E Plane 4940 MHz
H Plane 4940 MHz


Similar Part No. - SA49

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SA4 RECTRON-SA4 Datasheet
314Kb / 4P
SURFACE MOUNT SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
SA4 RECTRON-SA4 Datasheet
136Kb / 6P
SURFACE MOUNT SILICON RECTIFIER
logo
Wing Shing Computer Com...
SA4-15 WINGS-SA4-15 Datasheet
249Kb / 2P
VOLTAGE RANGE - 20 to 80 Volts CURRENT - 1.0 Ampere
logo
Elma Electronic Ltd
SA4-COUNTRY ELMA-SA4-COUNTRY Datasheet
610Kb / 16P
CompactPCI® Serial • PCI Express® Card Adapter
logo
Pan Jit International I...
SA40 PANJIT-SA40 Datasheet
169Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
More results

Similar Description - SA49

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
SA24 LSTD-SA24 Datasheet
875Kb / 1P
Type N female integrated connector
OD58-12 LSTD-OD58-12 Datasheet
959Kb / 1P
Type N female integrated bulkhead connector
ODH24-13 LSTD-ODH24-13 Datasheet
792Kb / 1P
Type N female integrated connector
ODH24-9-WB LSTD-ODH24-9-WB Datasheet
801Kb / 1P
Type N female integrated connector
OD24 LSTD-OD24 Datasheet
1Mb / 1P
Type N female integrated bulkhead connector
SA24WB LSTD-SA24WB Datasheet
1Mb / 1P
Type N female integrated connector
OD24-7D5 LSTD-OD24-7D5 Datasheet
1Mb / 1P
Type N female integrated bulkhead connector
SAH35 LSTD-SAH35 Datasheet
1Mb / 1P
Type N female integrated connector
SAH9-120-12 LSTD-SAH9-120-12 Datasheet
507Kb / 1P
Type N female integrated connector standard
SA58-WB LSTD-SA58-WB Datasheet
991Kb / 1P
Type N female integrated connector
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com