Electronic Components Datasheet Search
  English  ▼

X  

RS3MB Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # RS3MB
Description  Surface Mount Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

RS3MB Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  RS3MB Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited RS3MB Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited RS3MB Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Production specification
Surface Mount Rectifiers
RS3AB--RS3MB
Document Number : SMB203AA
www.gmicroelec.com
1
FEATURES
Low profile package
For surface mounted applications
Built-in strain relief, ideal for automated placement
Plastic package has underwriters, laborator flammability classification 94V-0
High temperature soldering: 250
oC/10 seconds at terminals
MECHANICAL DATA
Case :JEDEC SMB, molded plastic over ,passivated chip
Terminals: Solder plated, solderable per MIL-STD-750, Method 2026
Polarity: color band denotes cathode end
Weight: 0.003 ounces, 0.093 gram
Maximum Ratings (@TA = 25°C unless otherwise specified)
Characteristic
Symbol
RS3AB
RS3BB
RS3DB
RS3GB
RS3JB
RS3KB
RS3MB
UNITS
Maximum recurrent peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
Maximum average forward rectified current TL=90℃
IF(AV)
3.0
A
Peak forward surge current
8.3ms single half-sine-wave
superimposed
on rated load
IFSM
100
A
Thermal Characteristics
Characteristic
Symbol
RS3AB
RS3BB
RS3DB
RS3GB
RS3JB
RS3KB
RS3MB
UNITS
Typical junction capacitance
(Note2)
CJ
32
p F
Typical thermal resistance
(Note3)
RΘJA
40.0
℃/W
Operating junction and storage temperature range
TJ TSTG
- 55 ------ + 150
℃
Electrical Characteristics (@TA = 25°C unless otherwise specified)
Characteristic
Symbol
RS3AB
RS3BB
RS3DB
RS3GB
RS3JB
RS3KB
RS3MB
UNITS
Maximum instantaneous forward voltage
at3.0 A
VF
1.30
V
Maximum reverse current
@TA=25 ℃
at rated DC blocking voltage
@TA=125℃
IR
5.0
200
μA
Typical reverse recovery time
(Note1)
trr
150
250
500
ns
NOTE:
1.Reverse recovery time test conditions: IF=0.5A, IR=1.0A, Irr=0.25A
2. Measured at 1.0MHz and applied reverse voltage of 4.0 Volts
3. Thermal resistance from junction to ambient and junction to lead P.C.B. mounted on 0.2''X0.2''(5.0X5.0mm2) copper pad areas
Pb
Lead-free


Similar Part No. - RS3MB

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
RS3MB DIODES-RS3MB Datasheet
46Kb / 2P
3.0A SURFACE MOUNT SUPER-FAST RECOVERY RECTIFIER
DS15005 Rev. E-2
logo
Galaxy Semi-Conductor H...
RS3MB BILIN-RS3MB Datasheet
64Kb / 2P
SURFACE MOUNT RECTIFIER
logo
Daya Electric Group Co....
RS3MB DAYA-RS3MB Datasheet
52Kb / 2P
3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Shenzhen Luguang Electr...
RS3MB LUGUANG-RS3MB Datasheet
167Kb / 2P
Surface Mount Rectifiers
logo
Shenzhen Taychipst Elec...
RS3MB TAYCHIPST-RS3MB Datasheet
2Mb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
More results

Similar Description - RS3MB

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SN2A EIC-SN2A Datasheet
38Kb / 2P
SURFACE MOUNT RECTIFIERS
logo
SynSemi, Inc.
S3A SYNSEMI-S3A Datasheet
31Kb / 2P
SURFACE MOUNT RECTIFIERS
SN2A SYNSEMI-SN2A Datasheet
38Kb / 2P
SURFACE MOUNT RECTIFIERS
logo
MAKO SEMICONDUCTOR CO.,...
1N4007-M7 MAKOSEMI-1N4007-M7 Datasheet
266Kb / 2P
SURFACE MOUNT RECTIFIERS
logo
SAMYANG ELECTRONICS CO....
ES1A SAMYANG-ES1A_V01 Datasheet
517Kb / 2P
SURFACE MOUNT RECTIFIERS
ES2A SAMYANG-ES2A_V02 Datasheet
522Kb / 2P
SURFACE MOUNT RECTIFIERS
ES3HB SAMYANG-ES3HB Datasheet
512Kb / 2P
SURFACE MOUNT RECTIFIERS
UF2AA SAMYANG-UF2AA Datasheet
456Kb / 2P
SURFACE MOUNT RECTIFIERS
UF3A SAMYANG-UF3A Datasheet
462Kb / 2P
SURFACE MOUNT RECTIFIERS
RS2AA SAMYANG-RS2AA_V01 Datasheet
412Kb / 2P
SURFACE MOUNT RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com