Electronic Components Datasheet Search
  English  ▼

X  

MP120K Datasheet(PDF) 3 Page - Systemsensor advanced ideas.

Part # MP120K
Description  Outdoor Selectable- Output Strobes and Horn Strobes for Ceiling Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

MP120K Datasheet(HTML) 3 Page - Systemsensor advanced ideas.

  MP120K Datasheet HTML 1Page - Systemsensor advanced ideas. MP120K Datasheet HTML 2Page - Systemsensor advanced ideas. MP120K Datasheet HTML 3Page - Systemsensor advanced ideas. MP120K Datasheet HTML 4Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AVDS11401
Horn Strobe Output (dBA)
Switch
Position
Sound
Pattern
dB
8–17.5
Volts
16–33
Volts
24-Volt Nominal
Reverberant Anechoic
DC FWR DC FWR DC
FWR DC FWR
1
Temporal High
78
78
84
84
88
88
99
98
2
Temporal Medium 74
74
80
80
86
86
96
96
3
Temporal Low
71
73
76
76
83
80
94
89
4
Non-
Temporal
High
82
82
88
88
93
92
100 100
5
Non-
Temporal
Medium
78
78
85
85
90
90
98
98
6
Non-
Temporal
Low
75
75
81
81
88
84
96
92
7†
Coded
High
82
82
88
88
93
92
101 101
8†
Coded
Medium 78
78
85
85
90
90
97
98
9†
Coded
Low
75
75
81
81
88
85
96
92
†
Settings 7, 8, and 9 are not available on 2-wire horn strobe.
UL Max. Strobe Current Draw (mA RMS)
Candela
8–17.5 Volts
16–33 Volts
DC
FWR
DC
FWR
Standard
Candela
Range
15
123
128
66
71
15/75
142
148
77
81
30
NA
NA
94
96
75
NA
NA
158
153
95
NA
NA
181
176
110
NA
NA
202
195
115
NA
NA
210
205
High
Candela
Range
135
NA
NA
228
207
150
NA
NA
246
220
177
NA
NA
281
251
185
NA
NA
286
258
UL Max. Current Draw (mA RMS), 2-Wire Horn Strobe, Standard Candela Range (15–115 cd)
DC Input
8–17.5 Volts
16–33 Volts
15
15/75
15
15/75
30
75
95
110
115
Temporal High
137
147
79
90
107
176
194
212
218
Temporal Medium
132
144
69
80
97
157
182
201
210
Temporal Low
132
143
66
77
93
154
179
198
207
Non-Temporal High
141
152
91
100
116
176
201
221
229
Non-Temporal Medium
133
145
75
85
102
163
187
207
216
Non-Temporal Low
131
144
68
79
96
156
182
201
210
FWR Input
Temporal High
136
155
88
97
112
168
190
210
218
Temporal Medium
129
152
78
88
103
160
184
202
206
Temporal Low
129
151
76
86
101
160
184
194
201
Non-Temporal High
142
161
103
112
126
181
203
221
229
Non-Temporal Medium
134
155
85
95
110
166
189
208
216
Non-Temporal Low
132
154
80
90
105
161
184
202
211
UL Max. Current Draw (mA RMS), 2-Wire Horn Strobe, High Candela Range (135–185 cd)
DC Input
16–33 Volts
FWR Input
16–33 Volts
135
150
177
185
135
150
177
185
Temporal High
245
259
290
297
Temporal High
215
231
258
265
Temporal Medium
235
253
288
297
Temporal Medium
209
224
250
258
Temporal Low
232
251
282
292
Temporal Low
207
221
248
256
Non-Temporal High
255
270
303
309
Non-Temporal High
233
248
275
281
Non-Temporal Medium
242
259
293
299
Non-Temporal Medium
219
232
262
267
Non-Temporal Low
238
254
291
295
Non-Temporal Low
214
229
256
262
UL Max. Horn Current Draw for 4-Wire Horn Strobes (mA RMS)
Sound Pattern
dB
8–17.5 Volts
16–33 Volts
DC
FWR
DC
FWR
Temporal
High
57
55
69
75
Temporal
Medium
44
49
58
69
Temporal
Low
38
44
44
48
Non-Temporal
High
57
56
69
75
Non-Temporal
Medium
42
50
60
69
Non-Temporal
Low
41
44
50
50
Coded
High
57
55
69
75
Coded
Medium
44
51
56
69
Coded
Low
40
46
52
50
UL Current Draw Data
Horn Tones and Sound Output Data
Candela Derating
For K series products used at low temperatures, listed
candela ratings must be reduced in accordance with
this table.
Strobe Output (cd)
Listed Candela
Candela rating at –40°F
15
Do not use below 32°F
15/75
30
75
44
95
70
110
110
115
115
135
135
150
150
177
177
185
185



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com