Electronic Components Datasheet Search
  English  ▼

X  

LMH6672MA Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6672MA
Description  Dual, High Output Current, High Speed Op Amp
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6672MA Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LMH6672MA Datasheet HTML 4Page - National Semiconductor (TI) LMH6672MA Datasheet HTML 5Page - National Semiconductor (TI) LMH6672MA Datasheet HTML 6Page - National Semiconductor (TI) LMH6672MA Datasheet HTML 7Page - National Semiconductor (TI) LMH6672MA Datasheet HTML 8Page - National Semiconductor (TI) LMH6672MA Datasheet HTML 9Page - National Semiconductor (TI) LMH6672MA Datasheet HTML 10Page - National Semiconductor (TI) LMH6672MA Datasheet HTML 11Page - National Semiconductor (TI) LMH6672MA Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Typical Performance Characteristics At T
J = 25˚C, RF = 470Ω gain = +2, RL = 100Ω. Unless
otherwise specified. (Continued)
Harmonic Distortion vs. Output Voltage
Harmonic Distortion vs. Output Voltage
20016611
20016615
Harmonic Distortion vs. Output Voltage
Harmonic Distortion vs. Output Voltage
20016617
20016616
Harmonic Distortion vs. Output Voltage
Harmonic Distortion vs. Frequency
20016618
20016622
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com