Electronic Components Datasheet Search
  English  ▼

X  

TST3 Datasheet(PDF) 14 Page - Asahi Kasei Microsystems

Part # TST3
Description  96kHz Sampling DS 20bit ADC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

TST3 Datasheet(HTML) 14 Page - Asahi Kasei Microsystems

Back Button TST3 Datasheet HTML 10Page - Asahi Kasei Microsystems TST3 Datasheet HTML 11Page - Asahi Kasei Microsystems TST3 Datasheet HTML 12Page - Asahi Kasei Microsystems TST3 Datasheet HTML 13Page - Asahi Kasei Microsystems TST3 Datasheet HTML 14Page - Asahi Kasei Microsystems TST3 Datasheet HTML 15Page - Asahi Kasei Microsystems TST3 Datasheet HTML 16Page - Asahi Kasei Microsystems TST3 Datasheet HTML 17Page - Asahi Kasei Microsystems TST3 Datasheet HTML 18Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
ASAHI KASEI
[AK5352]
0155-E-00
1997/1
- 14 -
„ Power-down mode
The AK5352 has to be reset once by bringing
PD "L" upon power-up. All internal registers of the digital filter
and so on in the AK5352 are reset by this operation. When exiting the power-down mode(
PD="H"), the
internal timing starts clocking by first MCLK "
↑"(rising edge). In master mode internal counter starts at once, in
slave mode internal counter starts after synchronizing with the first rising edge of LRCK. The serial output data
is available after 516 counting clock of LRCK cycle.
„ Asynchronization-reset
In slave mode, if the phase difference between LRCK and internal control signals is larger than +1/16
∼ -1/16
of word period(1/fs), the synchronization of internal control signals with LRCK is done automatically at the first
rising edge of LRCK.
„ High Pass Filter(HPFE pin)
The AK5352 has a Digital High Pass Filter(HPF) for DC-offset cancel. When HPFE pin goes "H", HPF is
enabled. The cut-off frequency of the HPF is 1Hz(@fs=48kHz). It also scales with the sampling frequency(fs).
The HPF can be disabled by bringing HPFE pin "L". In this case, the AK5352 has the DC-offset of a few mV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com