Electronic Components Datasheet Search
  English  ▼

X  

LMH6702 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6702
Description  Ultra Low Distortion, Wideband Op Amp
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6702 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LMH6702 Datasheet HTML 3Page - National Semiconductor (TI) LMH6702 Datasheet HTML 4Page - National Semiconductor (TI) LMH6702 Datasheet HTML 5Page - National Semiconductor (TI) LMH6702 Datasheet HTML 6Page - National Semiconductor (TI) LMH6702 Datasheet HTML 7Page - National Semiconductor (TI) LMH6702 Datasheet HTML 8Page - National Semiconductor (TI) LMH6702 Datasheet HTML 9Page - National Semiconductor (TI) LMH6702 Datasheet HTML 10Page - National Semiconductor (TI) LMH6702 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Typical Performance Characteristics (T
A = 25˚C, VS = ±5V, RL = 100
Ω,R
f = 237
Ω; Unless
Specified). (Continued)
Input Offset for 3 Representative Units
Inverting Input Bias for 3 Representative Units
20039014
20039015
Non-Inverting Input Bias for 3 Representative Units
Noise
20039016
20039012
CMRR, PSRR, R
OUT
Transimpedance
20039019
20039011
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com