Electronic Components Datasheet Search
  English  ▼

X  

W3028 Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # W3028
Description  1.8 GHz RX Diversity Ceramic Antenna
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

W3028 Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  W3028 Datasheet HTML 1Page - Pulse A Technitrol Company W3028 Datasheet HTML 2Page - Pulse A Technitrol Company W3028 Datasheet HTML 3Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
W3028 Datasheet version 1.0. 12/2006
1.8 GHz RX Diversity
Ceramic Antenna
Ground cleared under antenna, clearance area 10.60 x 6.25 mm
Typical Electrical Characteristics (T=25 °C)
Measured on the 80 x 37 mm test board
Typical Return Loss S11/impedance
Free space 3D maximum gain
z
H
M
0
0
0
0
0
0
.
0
0
8
N
A
P
S
z
H
M
0
0
0
0
0
0
.
0
4
8
1
R
E
T
N
E
C
Cor
PRm
CH1Markers
1. -12.328 dB 1.80500 GHz
2. -12.528 dB 1.88000 GHz
3. -31.039 dB 1 840.000 000 MHz
GSM 1800 RX
Diversity
7 dB/REF 0 dB
CH1 S11 LOG
z
H
M
0
0
0
0
0
0
.
0
0
8
N
A
P
S
z
H
M
0
0
0
0
0
0
.
0
4
8
1
R
E
T
N
E
C
1. 72.148 Ω
-19.449 Ω 1.80500 Ghz
2. 52.619 Ω
23.828 Ω
1.88000 GHz
3. 54.514 Ω
-646.48m Ω 133.80 pF
1 840.000 000 MHZ
CH1Markers
CH1 S11 1 U FS
PRm
Del
Cor
Free space efficiency and maximum gain
90 %
80 %
70 %
60 %
50 %
40 %
30 %
20 %
Freq [MHz ]
Rad Eff [%]
Rad Eff [dB]
RX Diversity 1805–1880 Mhz
1
2
3
14 Sep 2006 16:03:47
GSM 1800 RX
Diversity
14 Sep 2006 16:04:57
2
3
1
0.00
-1.00
-2.00
-3.00
-4.00
-5.00
-6.00
3.50
3.00
2.50
2.00
1.50
1.00
0.50
0.00
-0.50
-2.00
-2.50
Freq [MHz ]
Max Gain [dBi]
RX Diversity 1805–1880 Mhz
Pulse Antennas
Takatie 6
90440
Kempele, Finland
Tel: +358 207 935 500
Fax: +358 207 935 501
www.pulseeng.com/antennas
© 2006 All Rights Reserved.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com