Electronic Components Datasheet Search
  English  ▼

X  

RFC3K Datasheet(PDF) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # RFC3K
Description  0.2A 2kV~4kV 500nS--High voltage fast recovery rectifier diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

RFC3K Datasheet(HTML) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

  RFC3K Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD RFC3K Datasheet HTML 2Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RFC2K THRU RFC4K
0.2A 2kV~4kV 500nS--High voltage fast recovery rectifier diode
GETE ELECTRONIC CO.,LTD
Http://www.getedz.com
Http://www.hvgtsemi.com E-mai: sales@getedz.com
GETAI ELECTRONIC DEVICE CO.,LTD TEL:0086-20-8184 9628
FAX:0086-20-8184 9638
2016 1 / 2
MAXIMUM RATINGS AND CHARACTERISTICS: (@ TA= 25°C unless otherwise specified)
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Characteristic
Symbols RFC2K RFC3K RFC4K Units
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
2000
3000
4000
V
RMS Reverse Voltage
VR(RSM)
1400
2100
2800
V
Average Output Current (Note 1)
@ TL = 50°C
IO
200
mA
Non-Repetitive Peak Forward Surge Current 8.3ms single
half sine-wave superimposed on rated load (JEDEC Method)
IFSM
30
A
Forward Voltage
@ IF= 200mA
VFM
4.0
5.0
6.5
V
Peak Reverse Leakage Current
at Rated DC Blocking Voltage
@ TA=25°C
IRM
5.0
uA
@ TA=100°C
100
Typical Junction Capacitance (Note 2)
CJ
30
pF
Maximum Reverse Recovery Time (Note 3)
TRR
500
nS
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Notes: 1. Valid provided that leads are kept at ambient temperature at a distance of 9.5mm from the case.
2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
3. Test Conditions: IF = 0.5A, IR = 1.0A, IRR = 0.25A
HVGT high voltage silicon rectifier diodes is
made of high quality glass passivated chip and high
reliability epoxy resin sealing structure, and through
professional testing equipment inspection qualified
after to customers.
SHAPE DISPLAY:
SIZE: (Unit:mm)
HVGT NAME: DO-41
FEATURES:
1. Fast switching.
2. Low leakage .
3. High surge capability .
4. Conform to RoHS.
5. High current capability.
APPLICATIONS:
1. High voltage multiplier circuit
2. Electrostatic generator circuit .
3. General purpose high voltage rectifier.
4. Other.
MECHANICAL DATA:
Case: JEDEC DO-41 molded plastic body
Terminals: Plated axial leads, solderable per
MIL-STD-202E,
Method 208
Polarity: Color band denotes cathode end
Mounting Position: Any.
Weight: 0.29 grams.


Similar Part No. - RFC3K

ManufacturerPart #DatasheetDescription
logo
Chongqing Pingwei Enter...
RFC3K CHONGQING-RFC3K Datasheet
39Kb / 1P
HIGH VOLTAGE FAST RECOVERY RECTIFIER
RFC3K CHONGQING-RFC3K Datasheet
176Kb / 1P
0.2AMPS. HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
GETAI ELECTRONICS DEVIC...
RFC3K GETEDZ-RFC3K Datasheet
549Kb / 2P
0.2A 2kV~4kV 500nS--High voltage fast recovery rectifier diode
RFC3K GETEDZ-RFC3K Datasheet
549Kb / 2P
0.2A 2kV~4kV 500nS--High voltage fast recovery rectifier diode
logo
Shanghai Shunye Electro...
RFC3K SHUNYE-RFC3K Datasheet
239Kb / 1P
HIGH VOLTAGE RECTIFIER Reverse Voltage - 2000 to 4000 Volts Forward Current - 0.2 Ampere
More results

Similar Description - RFC3K

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
GF225 TAITRON-GF225 Datasheet
128Kb / 4P
0.2A High Voltage Fast Recovery Rectifiers
GF235 TAITRON-GF235 Datasheet
136Kb / 4P
0.2A High Voltage Fast Recovery Rectifiers
logo
Semtech Corporation
2T2KF SEMTECH-2T2KF Datasheet
36Kb / 2P
2KV Diode, Axial Leaded Fast Recovery Rectifier Diodes
logo
GETAI ELECTRONICS DEVIC...
R2000F GETEDZ-R2000F_16 Datasheet
293Kb / 2P
200mA 2.0kV 500nS-HIGH VOLTAGE DIODE
R4000F GETEDZ-R4000F_16 Datasheet
296Kb / 2P
200mA 4.0kV 500nS-HIGH VOLTAGE DIODE
RFC4K GETEDZ-RFC4K Datasheet
549Kb / 2P
0.2A 2kV~4kV 500nS--High voltage fast recovery rectifier diode
RFC5K GETEDZ-RFC5K Datasheet
549Kb / 2P
0.2A 2kV~4kV 500nS--High voltage fast recovery rectifier diode
logo
Shenzhen Luguang Electr...
R3500 LUGUANG-R3500 Datasheet
2Mb / 3P
0.2A Fast Recovery High Voltage Rectifier
logo
EIC discrete Semiconduc...
BY8004 EIC-BY8004 Datasheet
83Kb / 2P
FAST RECOVERY HIGH VOLTAGE RECTIFIER DIODE
BY8006 EIC-BY8006 Datasheet
69Kb / 2P
FAST RECOVERY HIGH VOLTAGE RECTIFIER DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com