Electronic Components Datasheet Search
  English  ▼

X  

AMMC-6440 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMC-6440
Description  Integrated RF power detector
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMC-6440 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  AMMC-6440 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMC-6440 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMC-6440 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMC-6440 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMC-6440 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMC-6440 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMC-6440 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMMC-6440 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Absolute Maximum Ratings [AMMC-6440]
Symbols
Parameters
Units
Min.
Max.
Notes
Vd-Vg
Drain to Gate Voltage
V
8
Vd
Positive Supply Voltage
V
5.5
Vg
Gate Supply Voltage
V
-2.5
0.5
Id
Drain Current
mA
TBD
2
PD
Power Dissipation
W
5.5
2, 3
Pin
CW Input Power
dBm
20
2
Tch
Operating Channel Temp
qC
+150
4
Tstg
Storage Case Temp.
qC
-65 to +155
Tmax
Maximum Assembly Temp (30 sec max)
qC
+320
Notes:
1. Operation in excess of any one of these conditions may result in permanent damage to this device. Functional operation at or near these
limitations will significantly reduce the lifetime of the device.
2. Dissipated power PD is in any combination of DC voltage, Drain Current, input power and power delivered to the load.
3. When operated at maximum PD with a base plate temperature of 85
qC, the median time to failure (MTTF) is significantly reduced.
4. These ratings apply to each individual FET. The operating channel temperature will directly affect the device MTTF.
For maximum life, it is recommended that junction temperatures (Tj) be maintained at the lowest possible levels. See MTTF vs. Channel tem-
perature Table
AMMC-6440 DC Specifications/Physical Properties [1]
Symbol
Parameters and Test Conditions
Units
Min.
Typ.
Max.
Id
Drain Supply Current
(under any RF power drive and temperature)
(Vd=5.5 V, Vg set for Id Typical)
mA
950
1050
Vg
Gate Supply Operating Voltage
(Id(Q) = 950 (mA))
V
-0.85
-0.7
-0.65
qch-b
Thermal Resistance [2]
(Backside temperature, Tb = 25°C)
°C/W
6.4
Notes:
1. Ambient operational temperature TA=25°C unless otherwise noted.
2. Channel-to-backside Thermal Resistance (θch-b) = 9.0°C/W at Tchannel (Tc) = 70°C as measured using infrared microscopy. Thermal Resistance
at backside temperature (Tb) = 25°C calculated from measured data.
Thermal Properties
Parameter
Test Conditions
Value
Maximum Power Dissipation
Tbaseplate = 85°C
PD = 5.5W
Tchannel = 150°C
Thermal Resistance (
Tjc)
Vd = 5.5V
Id = 950mA
PD = 5.23W
Tbaseplate = 85°C
Tjc = 6.4°C/W
Tchannel = 118°C
Thermal Resistance (
Tjc)
Under RF Drive
Vd = 5.5V
Id = 1095mA
Pout = 28dBm
Pd = 5.43W
Tbaseplate = 85°C
Tjc = 6.4°C/W
Tchannel = 120°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com