Electronic Components Datasheet Search
  English  ▼

X  

3202 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 3202
Description  200 V - 1,000 V Three Phase Bridge
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

3202 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  3202 Datasheet HTML 1Page - List of Unclassifed Manufacturers 3202 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
254
1
10
100
1000
25
50
75
100
125
150
Temperature (C)
0
1
2
3
4
5
6
25
50
75
100
125
150
Ambient Temperature (C)
0.0
0.5
1.0
1.5
2.0
2.5
01
23
4
5
6
7
89
Forward Current (A)
MAXIMUM FORWARD CURRENT
VS. TEMPERATURE
3202 - 3210 • 3202F - 3210F • 3202UF - 3210UF
TYPICAL FORWARD VOLTAGE
VS. FORWARD CURRENT AT 25°C
REVERSE CURRENT
VS. TEMPERATURE AT Vrwm
3200
3200-F
3200F
3200UF
3200UF
Temperature (°C)
Ambient Temperature (°C)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com