Electronic Components Datasheet Search
  English  ▼

X  

LMH6715 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6715
Description  Dual Wideband Video Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6715 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LMH6715 Datasheet HTML 4Page - National Semiconductor (TI) LMH6715 Datasheet HTML 5Page - National Semiconductor (TI) LMH6715 Datasheet HTML 6Page - National Semiconductor (TI) LMH6715 Datasheet HTML 7Page - National Semiconductor (TI) LMH6715 Datasheet HTML 8Page - National Semiconductor (TI) LMH6715 Datasheet HTML 9Page - National Semiconductor (TI) LMH6715 Datasheet HTML 10Page - National Semiconductor (TI) LMH6715 Datasheet HTML 11Page - National Semiconductor (TI) LMH6715 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Application Section
Application Introduction
Offered in an 8-pin package for reduced space and cost, the
wideband LMH6715 dual current-feedback op amp provides
closely matched DC and AC electrical performance charac-
teristics making the part an ideal choice for wideband signal
processing. Applications such as broadcast quality video
systems, IQ amplifiers, filter blocks, high speed peak detec-
tors, integrators and transimedance amplifiers will all find
superior performance in the LMH6715 dual op amp.
FEEDBACK RESISTOR SELECTION
One of the key benefits of a current feedback operational
amplifier is the ability to maintain optimum frequency re-
sponse independent of gain by using appropriate values for
the feedback resistor (R
F). The Electrical Characteristics and
Typical Performance plots specify an R
F of 500
Ω, a gain of
+2V/V and ±5V power supplies (unless otherwise specified).
Generally, lowering R
F from it’s recommended value will
peak the frequency response and extend the bandwidth
while increasing the value of R
F will cause the frequency
response to roll off faster. Reducing the value of R
F too far
below it’s recommended value will cause overshoot, ringing
and, eventually, oscillation.
Frequency Response vs. R
F
20042914
The plot labeled “Frequency Response vs. R
F” shows the
LMH6715’s frequency response as R
F is varied (RL = 100
Ω,
A
V = +2). This plot shows that an RF of 200
Ω results in
peaking and marginal stability. An R
F of 300
Ω gives near
maximal bandwidth and gain flatness with good stability, but
with very light loads (R
L > 300
Ω) the device may show some
peaking. An R
F of 500
Ω gives excellent stability with good
bandwidth and is the recommended value for most applica-
tions. Since all applications are slightly different it is worth
some experimentation to find the optimal R
F for a given
circuit. For more information see Application Note OA-13
which describes the relationship between R
F and closed-
loop frequency response for current feedback operational
amplifiers.
When configuring the LMH6715 for gains other than +2V/V,
it is usually necessary to adjust the value of the feedback
resistor. The two plots labeled “R
F vs. Non-inverting Gain”
and “R
F vs. Inverting Gain” provide recommended feedback
resistor values for a number of gain selections.
20042935
FIGURE 1. Non-Inverting Configuration with Power
Supply Bypassing
20042937
FIGURE 2. Inverting Configuration with Power Supply
Bypassing
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com