Electronic Components Datasheet Search
  English  ▼

X  

TYPET912 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TYPET912
Description  Type T912 and T914 Precision Resistor Networks
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TYPET912 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TYPET912 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Sales and Corporate Office
1717 Chicago Avenue
Riverside, California 92507-2364
Phone: (951) 788-1700
Fax: (951) 369-1151
Applications Engineering
17271 North Umpqua Hwy.
Roseburg, Oregon 97470-9422
Phone: (541) 496-0700
Fax: (541) 496-0408
e-mail: caddock@caddock.com • web: www.caddock.com
For Caddock Distributors listed by country see caddock.com/contact/dist.html
© 2004 Caddock Electronics, Inc.
CAD
K
DOC
Resistor Pairs and Quads with Ratio Characteristics for Precision Analog Circuits
Type T912 and T914 Precision Resistor Networks are constructed with
Caddock Tetrinox® resistance films to achieve the precise ratio performance
and stability required by highly accurate amplifier circuits, voltage reference
circuits, and precision bridge circuits.
• Ratio Tolerance - from 0.1% to 0.01%.
• Ratio Temperature Coefficient - 10 ppm/°C, 5 ppm/°C or 2 ppm/°C.
• Absolute Temperature Coefficient - 25 ppm/°C.
• Ratio Stability of Resistance at Full Load for 2,000 hours - within 0.01%.
• Shelf Life Stability of Ratio for 6 Months - within 0.005%.
Both the T912 and the T914 are available in 14 standard resistance values
between 1K and 1 Megohm. Caddock's high thru-put manufacturing capabil-
ity assures that prototype and large-volume production quantities are available
either from stock or within 6 weeks after receipt of order.
Specifications:
Absolute Tolerance: ±0.1% for all resistors.
Absolute Temperature Coefficient: 25 ppm/°C
referenced to +25°C, ΔR taken at 0°C and +70°C.
Ratio Tolerance: Options for ratio tolerance are
provided as shown in the Ordering Information
panel.
Ratio Temperature Coefficient: Options for
ratio temperature coefficient are provided as
shown in the Ordering Information panel.
Voltage Rating: 30 volts DC or RMS AC
applied to R1, R2, R3 and R4.
Power Rating: 0.10 watt applied to R1, R2, R3
and R4 (not to exceed rated voltage).
Package Power Rating: Type T912, 0.20 watt.
Type T914, 0.40 watt.
Storage Temperature: -55°C to +105°C.
Insulation Resistance Between Isolated Pins:
Pin 2 to Pin 3, Pin 4 to Pin 5, or Pin 6 to Pin 7,
1,000 Megohms, minimum.
Dielectric Strength Between Isolated Pins:
50 volts RMS AC.
Custom Model T912 and T914 Precision Resistor Networks
For applications requiring non-standard
resistance values, the T912 and T914 custom
configurations can include these special features:
• Mixed resistance values with a maximum ratio
of 250-to-1. (Example: 1 Megohm and 4 K)
• Absolute TC as low as 15 ppm/°C.
• Ratio TC as low as 2 ppm/°C.
• Custom voltage ratings.
• Matched resistors of any special value
between 1 K and 2 Megohms.
Contact our Applications
Engineering for performance,
price, and availability of these
custom resistor networks.
Standard Type T912 and Type T914 Precision Resistor Networks
In addition to the 14 standard
equal value models of the Type T912 and T914,
the Type T912 can also be ordered with:
• 10:1 Resistance Ratio - for use in amplifier gain-setting.
• 9:1 Resistance Ratio - for use in voltage reference dividers.
Type T912 and T914 Precision Resistor Networks
Ordering Information:
.500 ±.020
(12.70 ±.51)
.095 (2.41)
MAX.
PIN 1
CADDOCK
T914
0429
.010
(.26)
.020
(.51)
.150 ±.040
(3.81 ±1.02)
.100
(2.54)
.900 ±.020
(22.86 ±.51)
8 PINS ON .100 (2.54) CENTERS
R1
R2
1
2 3
4
R3
R4
5
6 7
8
R1
R2
1
2 3
4
Type T914
Ratios Available: 1:1 and Custom.
Type T912
Ratios Available: 1:1, 9:1, 10:1, and Custom.
R1 = R2 = R3 = R4
DIMENSIONS IN INCHES
AND (MILLIMETERS)
.010
(.26)
.500 ±.020
(12.70 ±.51)
.020
(.51)
CADDOCK
T912
0402
PIN 1
.150 ±.040
(3.81 ±1.02)
.100
(2.54)
.500 ±.020
(12.70 ±.51)
4 PINS ON .100 (2.54) CENTERS
.095 (2.41)
MAX.
Ratio Code Letter:
A - T912 with R1: R2 where R2 = 10R1
1K:10K
10K:100K
40K:400K
2K:20K
20K:200K
50K:500K
5K:50K
25K:250K
100K:1 Meg
B - T912 with R1: R2 where R2 = 9R1
1K:9K
10K:90K
40K:360K
2K:18K
20K:180K
50K:450K
5K:45K
25K:225K
100K:900K
Model Number
Ratio Tolerance: -100 = 0.10%
-020 = 0.02%
-050 = 0.05%
-010 = 0.01%
Standard Resistance Values: (R1)
1K
10K
40K
200K
500K
2K
20K
50K
250K
1 Meg
5K
25K
100K
400K
Ratio Temperature Track (0°C to +70°C):
-10 = 10 ppm/°C
-05 = 5 ppm/°C
-02 = 2 ppm/°C
T912 - A 10K - 010 - 02
Special or mixed resistance values are available as custom networks.
See the custom section at the bottom of this page.
(This information appears on the back side of the network)
No Letter - T912 with R1 = R2
No Letter - T914 with R1 = R2 = R3 = R4
*
*
*
*
*
28_IL117.1004


Similar Part No. - TYPET912

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TYPET1794 ETC-TYPET1794 Datasheet
89Kb / 1P
Type T1794 Custom Low Temperature Coeffi cient Precision SIP Resistor Networks
More results

Similar Description - TYPET912

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
MF4115 WILLOW-MF4115 Datasheet
394Kb / 1P
Precision Metal Film Resistor Networks
logo
Riedon Powertron
MF4115 RIEDON-MF4115 Datasheet
330Kb / 1P
Precision Metal Film Resistor Networks
MF4200 RIEDON-MF4200 Datasheet
336Kb / 1P
Precision Metal Film Resistor Networks
logo
American Accurate Compo...
CTN1A-C-1003ATPLM AAC-CTN1A-C-1003ATPLM Datasheet
126Kb / 2P
Ultra Precision Resistor Arrays & Networks
logo
Riedon Powertron
MF4115 RIEDON-MF4115_13 Datasheet
182Kb / 1P
Precision Metal Film Resistor Networks
MF4200 RIEDON-MF4200_13 Datasheet
174Kb / 1P
Precision Metal Film Resistor Networks
logo
RHOPOINT COMPONENTS
T912-A10K-010-02 RHOPOINT-T912-A10K-010-02 Datasheet
340Kb / 1P
Precision Resistor Networks
logo
American Accurate Compo...
TSOP08A1003AR AAC-TSOP08A1003AR_17 Datasheet
791Kb / 2P
TSOP ULTRA PRECISION RESISTOR NETWORKS
logo
Token Electronics Indus...
UPR TOKEN-UPR Datasheet
441Kb / 6P
Ultra Precision Resistor Networks
UPSC TOKEN-UPSC Datasheet
448Kb / 6P
Ultra Precision Resistor Networks
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com