Electronic Components Datasheet Search
  English  ▼

X  

AD1954YS Datasheet(PDF) 21 Page - Analog Devices

Part # AD1954YS
Description  SigmaDSP??3-Channel, 26-Bit Signal Processing DAC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1954YS Datasheet(HTML) 21 Page - Analog Devices

Back Button AD1954YS Datasheet HTML 17Page - Analog Devices AD1954YS Datasheet HTML 18Page - Analog Devices AD1954YS Datasheet HTML 19Page - Analog Devices AD1954YS Datasheet HTML 20Page - Analog Devices AD1954YS Datasheet HTML 21Page - Analog Devices AD1954YS Datasheet HTML 22Page - Analog Devices AD1954YS Datasheet HTML 23Page - Analog Devices AD1954YS Datasheet HTML 24Page - Analog Devices AD1954YS Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
AD1954
–21–
The initiate-safe-transfer Bit 9 will request a data transfer from
the SPI safeload registers to the parameter RAM.The safeload
registers contain address-data pairs, and only those registers
that have been written to since the last transfer operation will be
uploaded.The user may poll for this operation to complete by
reading Bit 0 of Control Register 1.The Safeload Mechanism
section goes into more detail on this feature.
Bit 10, the halt program bit, is used to initiate a volume ramp-down
followed by a shutdown of the DSP core.The user may poll for
this operation to complete by reading Bit 1 of Control Register 1.
Bit 11 sets the function of the de-emphasis/auxiliary serial input
pin.When this bit is set to 1, the pin will function as an auxiliary
serial input that is clocked by the input mux’s selected clocks.
When set to 0, this pin enables the 44.1 kHz de-emphasis curve.
Table III. Control Register 1 Write Definition
Register Bits
Function
11
De-emphasis/Auxiliary Serial Input Pin Select
(1 = Auxiliary Serial Input)
10
Halt Program (1 = Halt)
9
Initiate Safe Transfer (1 = Transfer)
8
Enable DCSOUT Output Pin (1 = Enable)
7
Soft Mute (1 = Start Mute Sequence)
6
Soft Power-Down (1 = Power-Down)
5:4
De-emphasis Curve Select
00 = None
01 = 44.1 kHz
10 = 32 kHz
11 = 48 kHz
3:2
Serial in Mode
00 = I2S
01 = Right-Justified
10 = DSP
11 = Left-Justified
1:0
Word Length
00 = 24 Bits
01 = 20 Bits
10 = 16 Bits
11 = 16 Bits
Table IV. Control Register 1 Read Definition
Register Bits
Function
1
DSP Core Shutdown Complete
1 = Shutdown Complete
0 = Not Shut Down
0
Safe Memory Load Complete
1 = Complete (Note: Cleared after Read)
0 = Not Complete
Bit 0 is asserted when all requested safeload registers have been
transferred to the parameter RAM. It is cleared after the read
operation is complete.
Bit 1 is asserted after the requested shutdown of the DSP is com-
pleted.When this bit is set, the user is free to write or read any
RAM location without causing an audio pop or click.
Table V. Control Register 2 Write Definition
Register Bits
Function
9
Volume Ramp Speed
1 = 160 ms Full Ramp Time
0 = 20 ms Full Ramp Time
8
Serial Port Output Enable
1 = Enabled
0 = Disabled
7:6
Serial Port Input Select
00 = IN0
01 = IN1
10 = IN2
11 = NA
5:4
MCLK Input Select
00 = MCLK0
01 = MCLK1
10 = MCLK2
11 = NA
3
Reserved
2
MCLK in Frequency Select
0 = 512  fS
ff
1 = 256  fS
ff
1:0
MCLK Out Frequency Select
00 = Disabled
01 = 512  fS
ff
10 = 256  fS
ff
11 = MCLK_Out = MCLK_In (Feedthrough)
Control Register 2
TableV documents the contents of Control Register 2. Bits 1 and 0
set the frequency of the MCLKOUT pin. If these bits are set to
00, then the MCLKOUT pin is disabled (default).When set to
01, the MCLKOUT pin is set to 512  fS
ff , which is the same as
the internal master clock used by the DSP core.When set to 10,
this pin is set to 256  fS
ff , derived by dividing the internal DSP
clock by 2. In this mode, the output 256 fS
clock by 2. In this mode, the output 256 f
clock by 2. In this mode, the output 256 f clock will be inverted
with respect to the input 256 fS
with respect to the input 256 f
with respect to the input 256 f clock.This is not the case with the
feedthrough mode.When set to 11, the MCLKOUT pin mirrors
the selected MCLK input pin (it’s the output of the MCLK mux
selector). Note that the internal DSP master clock may either be
the same as the selected MCLK pin (when MCLK frequency
select is set to 512  fS
ff mode) or may be derived from the MCLK
pin using an internal clock doubler (when MCLK frequency
select is set to 256  fS
ff ).
Bit 2 selects one of two possible MCLK input frequencies.When
set to 0 (default), the MCLK frequency is set to 512  fS
ff . In this
mode, the internal DSP clock and the external MCLK are at the
same frequency.When set to 1, the MCLK frequency is set to
256  fS
ff , and an internal clock doubler is used to generate the
DSP clock.
Bits 5 and 4 select one of three clock input sources using an inter-
nal mux.To avoid click and pop noises when switching MCLK
sources, it is recommended that the user put the DSP core in
shutdown before switching MCLK sources.
Bits 7 and 6 select one of three serial input sources using an
internal mux. Each source selection includes a separate SDATA,
LRCLK, and BCLK input.To avoid click and pop noises when
switching serial sources, it is recommended that the user put the
DSP core in shutdown before writing to these bits.
REV. A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com