Electronic Components Datasheet Search
  English  ▼

X  

AD7322 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AD7322
Description  Software Selectable True Bipolar Input, 2-Channel, 12-Bit Plus Sign ADC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AD7322 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AD7322 Datasheet HTML 9Page - ATMEL Corporation AD7322 Datasheet HTML 10Page - ATMEL Corporation AD7322 Datasheet HTML 11Page - ATMEL Corporation AD7322 Datasheet HTML 12Page - ATMEL Corporation AD7322 Datasheet HTML 13Page - ATMEL Corporation AD7322 Datasheet HTML 14Page - ATMEL Corporation AD7322 Datasheet HTML 15Page - ATMEL Corporation AD7322 Datasheet HTML 16Page - ATMEL Corporation AD7322 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Preliminary Technical Data
AD7322
Reference used for each channel will be the value written to the Ref bit during the last write to the Control
Register.
3,2
Seq1/Seq2
The Sequence 1 and Sequence 2 bits are used to control the operation of the Sequencer. See Table 8
14,12,11,1
ZERO
A zero must be written to this bit to ensure correct operation of the AD7322.
Table 9. Analog Input Configuration Selection
Channel Address Bit
Mode1 =1, Mode0 = 1
Mode1 = 1, Mode0 =0
Mode1 = 0, Mode0 =1
Mode1 =0, Mode0 =0
1 Pseudo Differential I/p
1Fully Differential i/p
Not Allowed
Two-Single Ended i/ps
ADD0
Vin+
Vin-
Vin+
Vin-
Vin+
Vin-
0
Vin0
Vin1
Vin0
Vin1
Vin0
AGND
1
Vin0
Vin1
Vin0
Vin1
Vin1
AGND
Table 10. Power Mode Selection
PM1
PM0
Description
1
1
Full Shutdown Mode,
In this mode all internal circuitry on the
AD7322 is powered down. Information in the Control register is
retained when the AD7322 is in Full Shutdown Mode.
1
0
Auto Shutdown Mode,
The AD7322 will enter Full Shut down
at the end of each conversion when the control register is
updated. All internal circuitry is powered down in Full
Shutdown.
0
1
Auto Standby Mode,
In this mode all internal circuitry is
powered down excluding the internal Reference. The AD7322
will enter Auto Standby Mode at the end of the Conversion after
the control register is updated.
0
0
Normal Mode,
All internal Circuitry is powered up at all times.
Table 11. Sequencer Selection
Seq1
Seq2
Sequence type
0
0
The Channel Sequencer is not used. The Analog Channel selected by programming the ADD0 bit in the
Control Register selects the next channel for conversion.
1
0
This Configuration is used in conjunction with the Channel Address Bit in the Control Register. Provided that
the channel Address bit is 1, the ADC will convert firstly on channel 0 then channel 1 and will repeat this
sequence until the Seq bits are changed in the Control Register.
1
1
The Channel Sequencer is not used. The Analog Channel selected by programming the ADD0 bit in the
Control Register selects the next channel for conversion.
Rev. PrE | Page 13 of 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com