Electronic Components Datasheet Search
  English  ▼

X  

ADC100C Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ADC100C
Description  Precision 22 Bit Integrating A/D Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ADC100C Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ADC100C Datasheet HTML 1Page - List of Unclassifed Manufacturers ADC100C Datasheet HTML 2Page - List of Unclassifed Manufacturers ADC100C Datasheet HTML 3Page - List of Unclassifed Manufacturers ADC100C Datasheet HTML 4Page - List of Unclassifed Manufacturers ADC100C Datasheet HTML 5Page - List of Unclassifed Manufacturers ADC100C Datasheet HTML 6Page - List of Unclassifed Manufacturers ADC100C Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MAXIMUM RATING SPECIFICATIONS
ADC100
MODEL
ADC100
PARAMETER
TEMPERATURE
POWER SUPPLY
INPUTS
MIN
MAX
Operating
Storage
125
160
UNITS
°C
°C
Analog Inputs
Digital Inputs
VDC
VDC
VDC
+16
-16
+6
NOTES:
1. Power Supply Decoupling
The ADC100 has internal 0.1µF decoupling
capacitors for all power supply inputs. The
internal decoupling capacitors are adequate
for applications with relatively short power
supply leads (approx. 5") or if additional
capacitors are located on a circuit board.
For applications with long power supply
leads an external capacitor of 10 mF on the
+/- 15V inputs and 33 mF on the +5V input is
recommended.
2. Ground
The ground connection (pin 7) should be
made as solid as possible since ground
noise can result in a loss of accuracy. Use
of a ground plane is a good approach to
maintain the full accuracy of the ADC100.
3. External Components
A 0.68 µF polystyrene integration capacitor
must be connected to pins 34 and 35 with a
lead length not exceeding 2".
4. Analog Inputs
In order to avoid differential noise pickup it is
recommended to use parallel adjacent lines
for the analog inputs (pins 39, 40) on PC
boards and shielded lines outside of the PC
connections.
EXTERNAL CONNECTIONS
V
CC
V
EE
V
DD
V
EE
0
V
CC
V
DD
ADC100DS REV. E MAR 00
+14
-14
+4
-55
0
(TOP VIEW)
ADC100
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
N.C.
N.C.
N.C.
N.C.
N.C.
N.C.
N.C.
N.C.
N.C.
N.C.
N.C.
N.C.
N.C.
N.C.
D0
D1
D2
D5
D4
D3
D6
D7
GND
ANALOG LOW
ANALOG HIGH
AUTO ZERO
RESET
STATUS 1
STATUS 0
CONVERT
OUTPUT ENABLE
Vee (-15V)
Vee (+15V)
Vdd (+5V)
INTEGRATION
CAPACITOR
N.C.
N.C.
N.C.
N.C.
N.C.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com