Electronic Components Datasheet Search
  English  ▼

X  

ADP3026 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP3026
Description  High-Efficiency Notebook Computer Power Supply Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3026 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP3026 Datasheet HTML 2Page - Analog Devices ADP3026 Datasheet HTML 3Page - Analog Devices ADP3026 Datasheet HTML 4Page - Analog Devices ADP3026 Datasheet HTML 5Page - Analog Devices ADP3026 Datasheet HTML 6Page - Analog Devices ADP3026 Datasheet HTML 7Page - Analog Devices ADP3026 Datasheet HTML 8Page - Analog Devices ADP3026 Datasheet HTML 9Page - Analog Devices ADP3026 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
ADP3026
–6–
REV. PrB
PRELIMINARY TECHNICAL DATA
Figure 1. Block Diagram
CONTROL
LOGIC
INTVCC
CPOR
PWRGD
AGND
+
CS5
INTVCC
›3mV
816mV
Q
R
S
DUPLICATE FOR SECOND CONTROLLER
SHUTDOWN
0.6V
1.8V
ON5
POWER›
ON
RESET
SS5
EAO5
EAN5
800mV
800mV
960mV
640mV
OC
FB5
FB5
DRVL5
SW5
VOUT5
5V
REF
INPUT
5V
+5V
LINEAR REG
CLSET5
BST5
DRVH5
VIN
800mV
300kHz
OSC
PGND
14mV
72mV
ADP3026
SD
784mV
1
2.5 A
800mV
REF
ULVO
+
+2%
+
+
›2%
0%
EA
+
+
+
+
+20%
+
›20%
+
1 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com