Electronic Components Datasheet Search
  English  ▼

X  

ADR318 Datasheet(PDF) 2 Page - Analog Devices

Part # ADR318
Description  Precision Low Drift SOT-23 Voltage Reference with Shutdown
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR318 Datasheet(HTML) 2 Page - Analog Devices

  ADR318 Datasheet HTML 1Page - Analog Devices ADR318 Datasheet HTML 2Page - Analog Devices ADR318 Datasheet HTML 3Page - Analog Devices ADR318 Datasheet HTML 4Page - Analog Devices ADR318 Datasheet HTML 5Page - Analog Devices ADR318 Datasheet HTML 6Page - Analog Devices ADR318 Datasheet HTML 7Page - Analog Devices ADR318 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
REV. 0
–2–
ADR318–SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Initial Accuracy
VO
1.795
1.8
1.802
V
Initial Accuracy Error
VOERR
–0.27
+0.27
%
Temperature Coefficient
TCVO
0
°C to 70°C5
25
ppm/
°C
Minimum Supply Voltage Headroom
VIN – VOUT
600
mV
Line Regulation
∆V
OUT/
∆V
IN
VIN = 2.5 V to 15 V
10
25
ppm/V
0
°C < TA < 70°C
Load Regulation
∆V
OUT/
∆I
LOAD
VIN = 3 V, ILOAD = 0 mA to 5 mA
100
ppm/mA
0
°C < T
A < 70
°C
Quiescent Current
ISY
No load
100
120
µA
0
°C < T
A < 70
°C
140
µA
Voltage Noise
eN
0.1 Hz to 10 Hz
5
µV p-p
Turn-On Settling Time
tR
20
µs
Long Term Stability
2
∆V
OUT
50
ppm/1,000 hrs
Output Voltage Hysteresis
VO_HYS
40
ppm
Ripple Rejection Ratio
RRR
fIN = 60 Hz
85
dB
Short Circuit to Ground
ISC
VIN = 5.0 V
25
mA
VIN = 15.0 V
30
mA
Shutdown Supply Current
ISHDN
3
µA
Shutdown Logic Input Current
ILOGIC
500
nA
Shutdown Logic Low
VINL
0.8
V
Shutdown Logic High
VINH
2.4
V
NOTES
1T
MIN = 0
°C, T
MAX = 70
°C
2The long-term stability specification is noncumulative. The drift in subsequent 1,000 hour periods is significantly lower than in the first 1,000 hour period.
Specifications subject to change without notice.
(TA = TMIN to TMAX,
1 V
IN = 5 V, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com