Electronic Components Datasheet Search
  English  ▼

X  

FDB101 Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # FDB101
Description  RECOVERY BRIDGE RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

FDB101 Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  FDB101 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited FDB101 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited FDB101 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Production specification
RECOVERY BRIDGE RECTIFIER
FDB101--FDB107
Document Number:DFM707AA
www.gmicroelec.com
1
FEATURES
Rating to 1000V PRVP
Surge overload rating to 30 Amperes peak
Ideal for printed circuit board
Reliable low cost construction utilizing molded
plastic technique results in inexpensive product
Lead solderable per MIL-STD-202 method 208
Lead: silver plated copper, solderde plated
Plastic material has UL flammability classification94V-O
Maximum Ratings (@TA = 25°C unless otherwise specified)
Characteristic
Symbol
FDB101
FDB102
FDB103
FDB104
FDB105
FDB106
FDB107
UNITS
Peak Repetitive Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VRMS
35
75
140
280
420
560
700
V
DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum average forward Output current
@TA=25℃
IF(AV)
1.0
A
Peak forward surge current
8.3ms single half-sine-wave
superimposed on rated load
IFSM
30
A
Thermal Characteristics
Characteristic
Symbol
FDB101
FDB102
FDB103
FDB104
FDB105
FDB106
FDB107
UNITS
Operating junction temperature range
TJ
- 55 ---- + 150
℃
Storage temperature range
TSTG
- 55 ---- + 150
℃
Electrical Characteristics (@TA = 25°C unless otherwise specified)
Characteristic
Symbol
FDB101
FDB102
FDB103
FDB104
FDB105
FDB106
FDB107
UNITS
Maximum instantaneous forward voltage
at 1.0 A
VF
1.3
V
Maximum reverse current @TA=25℃
at rated DC blocking voltage @TA=100℃
IR
10
1.0
μ A
mA
Maximum reverse recovery time (Note1)
t rr
150
250
500
ns
NOTE:1. Measured with IF=0.5A,IR=1A, Irr=0.25A.
Pb
Lead-free


Similar Part No. - FDB101

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
FDB101 BILIN-FDB101 Datasheet
84Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
Shenzhen Luguang Electr...
FDB101 LUGUANG-FDB101 Datasheet
161Kb / 2P
Silicon Bridge Rectifiers
logo
Diode Semiconductor Kor...
FDB101 DSK-FDB101 Datasheet
157Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
Galaxy Semi-Conductor H...
FDB101S BILIN-FDB101S Datasheet
136Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
Shenzhen Luguang Electr...
FDB101S LUGUANG-FDB101S Datasheet
171Kb / 2P
Silicon Bridge Rectifiers
More results

Similar Description - FDB101

ManufacturerPart #DatasheetDescription
logo
Edal Industries, Inc.
RW005M EDAL-RW005M Datasheet
100Kb / 1P
Silicon Bridge Rectifier Fast Recovery
FBR600 EDAL-FBR600 Datasheet
82Kb / 1P
Silicon Fast Recovery Bridge Rectifier
FBR1000 EDAL-FBR1000 Datasheet
82Kb / 1P
Silicon Fast Recovery Bridge Rectifier
BR1203 EDAL-BR1203 Datasheet
878Kb / 2P
SILICON FAST RECOVERY BRIDGE RECTIFIER
logo
Rectron Semiconductor
FRS201L RECTRON-FRS201L Datasheet
105Kb / 1P
FAST RECOVERY BRIDGE RECTIFIER
logo
Central Semiconductor C...
CBR1F-D010 CENTRAL-CBR1F-D010 Datasheet
56Kb / 2P
FAST RECOVERY SILICON BRIDGE RECTIFIER
logo
Zowie Technology Corpor...
Z4RGP20MH ZOWIE-Z4RGP20MH Datasheet
53Kb / 2P
Fast Recovery Bridge Rectifier
Z4RGP30MAPH ZOWIE-Z4RGP30MAPH Datasheet
51Kb / 2P
Fast Recovery Bridge Rectifier
Z4RGP30MPH ZOWIE-Z4RGP30MPH Datasheet
52Kb / 2P
Fast Recovery Bridge Rectifier
logo
Diotec Semiconductor
B40FS DIOTEC-B40FS_18 Datasheet
188Kb / 2P
Fast Recovery SMD Bridge Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com