Electronic Components Datasheet Search
  English  ▼

X  

ADR391 Datasheet(PDF) 18 Page - Analog Devices

Part # ADR391
Description  Precision Low Drift 2.048 V/2.5 V/4.096 V/ 5.0 V SOT-23 Reference with Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR391 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADR391 Datasheet HTML 12Page - Analog Devices ADR391 Datasheet HTML 13Page - Analog Devices ADR391 Datasheet HTML 14Page - Analog Devices ADR391 Datasheet HTML 15Page - Analog Devices ADR391 Datasheet HTML 16Page - Analog Devices ADR391 Datasheet HTML 17Page - Analog Devices ADR391 Datasheet HTML 18Page - Analog Devices ADR391 Datasheet HTML 19Page - Analog Devices ADR391 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
ADR390/ADR391/ADR392/ADR395
Rev. F | Page 18 of 20
General-Purpose Current Source
Many times in low power applications, the need arises for a
precision current source that can operate on low supply vol-
tages. ADR390/ADR391/ADR392/ADR395 can be configured
as a precision current source. As shown in Figure 45, the circuit
configuration is a floating current source with a grounded load.
The reference’s output voltage is bootstrapped across RSET,
which sets the output current into the load. With this
configuration, circuit precision is maintained for load currents
in the range from the reference’s supply current, typically 90 µA
to approximately 5 mA.
VIN
ADR39x
GND
VOUT
IOUT = ISET + ISY (ISET)
R1
ISY
ADJUST
RSET
P1
RL
VOUT
VIN
R1
0.1
µF
ISY (ISET)
ISET
SHDN
Figure 44. A General-Purpose Current Source
High Power Performance with Current Limit
In some cases, the user may want higher output current
delivered to a load and still achieve better than 0.5% accuracy
out of the ADR39x. The accuracy for a reference is normally
specified on the data sheet with no load. However, the output
voltage changes with load current.
The circuit shown in Figure 45 provides high current without
compromising the accuracy of the ADR39x. The series pass
transistor Q1 provides up to 1 A load current. The ADR39x
delivers only the base drive to Q1 through the force pin. The
sense pin of the ADR39x is a regulated output and is connected
to the load.
The transistor Q2 protects Q1 during short-circuit limit faults
by robbing its base drive. The maximum current is
ILMAX ≈ 0.6 V/RS
IL
VIN
R1
4.7k
Ω
Q2
Q2N2222
Q2N4921
Q1
RS
RL
SHDN
VIN
VOUT (SENSE)
VOUT (FORCE)
GND
U1
ADR39x
Figure 45. ADR39x for High Power Performance with Current Limit
A similar circuit function can also be achieved with the
Darlington transistor configuration, as shown in Figure 46.
ADR39x
VIN
R1
4.7k
Ω
Q2
Q2N2222
Q2N4921
RS
RL
VIN
VOUT (SENSE)
VOUT (FORCE)
GND
Q1
U1
SHDN
Figure 46. ADR39x for High Output Current
with Darlington Drive Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com