Electronic Components Datasheet Search
  English  ▼

X  

ADR391ART-RL Datasheet(PDF) 12 Page - Analog Devices

Part # ADR391ART-RL
Description  Precision Low Drift 2.048 V/2.5 V/4.096 V/ 5.0 V SOT-23 Reference with Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR391ART-RL Datasheet(HTML) 12 Page - Analog Devices

Back Button ADR391ART-RL Datasheet HTML 8Page - Analog Devices ADR391ART-RL Datasheet HTML 9Page - Analog Devices ADR391ART-RL Datasheet HTML 10Page - Analog Devices ADR391ART-RL Datasheet HTML 11Page - Analog Devices ADR391ART-RL Datasheet HTML 12Page - Analog Devices ADR391ART-RL Datasheet HTML 13Page - Analog Devices ADR391ART-RL Datasheet HTML 14Page - Analog Devices ADR391ART-RL Datasheet HTML 15Page - Analog Devices ADR391ART-RL Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
ADR390/ADR391/ADR392/ADR395
Rev. F | Page 12 of 20
LOAD CURRENT (mA)
4.8
0123
5
4.4
4.0
3.8
4.2
4
4.6
+125
°C
+25
°C
–40
°C
Figure 21. ADR392 Minimum Input Voltage vs. Load Current
LOAD CURRENT (mA)
6.0
0123
5
5.2
4.8
4.6
5.0
4
5.6
+125
°C
+25
°C
–40
°C
5.8
5.4
Figure 22. ADR395 Minimum Input Voltage vs. Load Current
VOUT DEVIATION (mV)
60
50
0
–0.24
0.30
–0.12
0
0.06
0.18
40
30
20
10
–0.18
–0.06
0.12
0.24
TEMPERATURE: +25
°C
–40
°C
+125
°C
+25
°C
Figure 23. ADR390 VOUT Hysteresis Distribution
VOUT DEVIATION (mV)
70
50
0
–0.56
–0.26
0.04
0.19
40
30
20
10
–0.41
–0.11
0.34
60
TEMPERATURE: +25
°C
–40
°C
+125
°C
+25
°C
Figure 24. ADR391 VOUT Hysteresis Distribution
FREQUENCY (Hz)
1k
100
10
10k
100
1k
ADR390
ADR391
VIN = 5V
Figure 25. Voltage Noise Density vs. Frequency
TIME (1 Sec/DIV)
0
0
0
0
0
0
0
0
0
Figure 26. ADR391 Typical Voltage Noise 0.1 Hz to 10 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com