Electronic Components Datasheet Search
  English  ▼

X  

PA.22A Datasheet(PDF) 2 Page - Taoglas antenna solutions

Part # PA.22A
Description  RoHS Compliant
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

PA.22A Datasheet(HTML) 2 Page - Taoglas antenna solutions

  PA.22A Datasheet HTML 1Page - Taoglas antenna solutions PA.22A Datasheet HTML 2Page - Taoglas antenna solutions PA.22A Datasheet HTML 3Page - Taoglas antenna solutions PA.22A Datasheet HTML 4Page - Taoglas antenna solutions PA.22A Datasheet HTML 5Page - Taoglas antenna solutions PA.22A Datasheet HTML 6Page - Taoglas antenna solutions PA.22A Datasheet HTML 7Page - Taoglas antenna solutions PA.22A Datasheet HTML 8Page - Taoglas antenna solutions PA.22A Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
SPE-11-8-060/G
Page 2 of 24
1.Scope
This specification is for a Tri-band GSM miniature PIFA (Dielectric Planar Inverted-F
Type Antenna) (DPA™) Antenna for internal SMT mounting.
Note: The antenna also shows a response at 850MHz which means the antenna can
also be defined on quad-band, depending on the target specification for the device
itself.
2.Electrical Specifications
The antenna has the electrical characteristics given in Table 1 under the Taoglas
standard installation conditions as shown in the Evaluation Board (Figure
No.
Parameter
Specification
1
Frequency
880~960 MHz , 1710~1990 MHz
2
Dimensions
29.8*6.0*5.0 mm
3
Impedance
50 Ω
4
VSWR
2.5 max (depends on environment)
5
Polarization
Linear
6
Operating Temperature
-40~85°C
7
Termination
Ag (Environmentally Friendly Lead-
Free)
*Data is measured on Taoglas Evaluation Board (reference ground plane) pictured
below



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com