Electronic Components Datasheet Search
  English  ▼

X  

PA.25A Datasheet(PDF) 2 Page - Taoglas antenna solutions

Part # PA.25A
Description  High Efficiency Multi-Band SMD Antenna
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

PA.25A Datasheet(HTML) 2 Page - Taoglas antenna solutions

  PA.25A Datasheet HTML 1Page - Taoglas antenna solutions PA.25A Datasheet HTML 2Page - Taoglas antenna solutions PA.25A Datasheet HTML 3Page - Taoglas antenna solutions PA.25A Datasheet HTML 4Page - Taoglas antenna solutions PA.25A Datasheet HTML 5Page - Taoglas antenna solutions PA.25A Datasheet HTML 6Page - Taoglas antenna solutions PA.25A Datasheet HTML 7Page - Taoglas antenna solutions PA.25A Datasheet HTML 8Page - Taoglas antenna solutions PA.25A Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
SPE-11-8-061/I
Page 2 of 20
1. Introduction
This ceramic multiband cellular antenna uses high grade ceramics which have been
developed in Taoglas through years of expertise in delivering the right materials for high
performance antennas. Taoglas designers, through constant research and development
have been able to “fit” 6 bands in a small area, while also achieving high efficiency. The
PA.25 is a unique SMT solution which is delivered on tape and reel. For very detailed
integration
information
additional
to
this
specification
please
download
our
comprehensive PA.25 integration application note from our website.
1.1 Key Advantages
1. Highest efficiency in small size 35*5*6mm. A comparative metal, FR4, FPC, whip,
rod, helix antenna would have much more reduced efficiency in this configuration
for the same size due to their different dielectric constants.
2. More resistant to detuning compared to other antenna integrations. If tuning is
required it can be tuned for the device environment. There is no need for new
tooling, thereby saving money if customisation is required.
3. Highly reliable and robust– its predecessor the PA.22 antenna is used by the
world’s leading auto makers in extremely challenging environments. The antenna
meets all temperature and mechanical specs required (vibration, drop tests etc)
4. Rectangular shape - Easy to integrate. Other antenna designs come in irregular
shapes and sizes making them hard to integrate.
5. SMD (On-Board) antenna saves on labor, cable and connector costs, leads to
higher integration yield rates, and reduces losses in transmission.
6. It can be mounted directly on edge of device main-board.
7. Transmission losses are kept to absolute minimum resulting in much improved
over the air (OTA) device performance compared to similar efficiency cable and
connector antenna solutions
8. Reductions in probability of radiated spurious emissions compared to other
antenna technologies are observed when using the PA.25 and strictly following this
application note layout
9. Achieves moderate to high gain in both vertical and horizontal polarization planes.
This feature is very useful in certain wireless communications where the antenna
orientation is not fixed and the reflections or multipath signals may be present
from any plane. In those cases the important parameter to be considered is the
total field strength, which is the vector sum of the signal from the horizontal and
vertical polarization planes at any instant in time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com