Electronic Components Datasheet Search
  English  ▼

X  

AH31 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # AH31
Description  High Dynamic Range IF Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AH31 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  AH31 Datasheet HTML 1Page - List of Unclassifed Manufacturers AH31 Datasheet HTML 2Page - List of Unclassifed Manufacturers AH31 Datasheet HTML 3Page - List of Unclassifed Manufacturers AH31 Datasheet HTML 4Page - List of Unclassifed Manufacturers AH31 Datasheet HTML 5Page - List of Unclassifed Manufacturers AH31 Datasheet HTML 6Page - List of Unclassifed Manufacturers AH31 Datasheet HTML 7Page - List of Unclassifed Manufacturers AH31 Datasheet HTML 8Page - List of Unclassifed Manufacturers AH31 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
September 2004
The Communications Edge
TM
AH31
High Dynamic Range IF Amplifier
Product Information
Application Circuit: 450 – 550 MHz (AH31-PCB500)
Typical Performance
Frequency
500 MHz
S21 - Gain
18 dB
S11
-15 dB
S22
-10 dB
Output P1dB
+22 dBm
Output IP3
+42 dBm
Noise Figure
1.7 dB
Bias
+5 V @ 150 mA
Notes:
1. The amplifier should be connected directly to a +5 V regulator; no dropping resistor is required.
2. If no DC signal is present at the input (pin 1), C1 can be removed. The gate is internally grounded in the amplifier.
3. R2 is used as a placeholder for a different application circuit. It can be removed from the circuit.
4. R1, C2, and C3 (from the silkscreen) are not utilized in this application circuit.
Gainvs Frequency
25
°C
10
12
14
16
18
20
450
475
500
525
550
Frequency (MHz)
S11, S22 vs Frequency
25
°C
-20
-15
-10
-5
0
450
475
500
525
550
Frequency (MHz)
S11
S22
WidebandS-Parameter Performance
25
°C
-30
-20
-10
0
10
20
0
200
400
600
800
1000
Frequency (MHz)
S11
S22
S21
OIP3 vs Frequency
25
°C
36
38
40
42
44
46
450
475
500
525
550
Output IP3 (dBm)
Noise Figure vs Frequency
25
°C
0
1
2
3
4
5
450
475
500
525
550
Frequency (MHz)
P1dBvs Frequency
25
°C
14
16
18
20
22
24
450
475
500
525
550
Frequency (MHz)
AH31
RF OUT
VS = +5 V
ID = 150 mA
C5
.018
µF
0603
L1
22 nH
0603
C4
1000 pF
0603
L2
150 nH
0805
RF IN
C1
1000 pF
0603
R2
0
Ω
0603



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com