Electronic Components Datasheet Search
  English  ▼

X  

AF9435PSLA Datasheet(PDF) 1 Page - Anachip Corp

Part # AF9435PSLA
Description  P-Channel 30-V (D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AF9435PSLA Datasheet(HTML) 1 Page - Anachip Corp

  AF9435PSLA Datasheet HTML 1Page - Anachip Corp AF9435PSLA Datasheet HTML 2Page - Anachip Corp AF9435PSLA Datasheet HTML 3Page - Anachip Corp AF9435PSLA Datasheet HTML 4Page - Anachip Corp AF9435PSLA Datasheet HTML 5Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AF9435P
P-Channel 30-V (D-S) MOSFET
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of
this product. No rights under any patent accompany the sale of the product.
Rev. 1.1 Jul 20, 2004
1/5
Features
-Low rDS(on) Provides Higher Efficiency and Extends
Battery Life
-Miniature SO-8 Surface Mount Package Saves
Board Space
-High power and current handling capability
-Extended VGS range (±25) for battery pack
applications
Product Summary
VDS (V)
rDS(on) (mΩ)
ID (A)
49@VGS=-10V
-5.7
-30
69@VGS=-4.5V
-5.0
Pin Assignments
SOP-8
5
6
7
8
4
3
2
1
D
D
D
D
S
S
S
G
General Description
These miniature surface mount MOSFETs utilize High
Cell Density process. Low rDS(on) assures minimal
power loss and conserves energy, making this device
ideal for use in power management circuitry. Typical
applications are PWMDC-DC converters, power
management
in
portable
and
battery-powered
products such as computers, printers, battery charger,
telecommunication power system, and telephones
power system.
Pin Descriptions
Pin Name
Description
S
Source
G
Gate
D
Drain
Ordering information
AX 9435P X X X
PN
Package
Feature
F :MOSFET
S: SOP-8
Lead Free
Blank : Normal
L : Lead Free Package
Packing
Blank : Tube or Bulk
A : Tape & Reel


Similar Part No. - AF9435PSLA

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
AF9435PSLA VBSEMI-AF9435PSLA Datasheet
959Kb / 8P
P-Channel 30-V (D-S) MOSFET
More results

Similar Description - AF9435PSLA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4835BDY VISHAY-SI4835BDY_05 Datasheet
90Kb / 6P
P-Channel 30-V (D-S) MOSFET
25-Oct-04
SI6435ADQ VISHAY-SI6435ADQ_08 Datasheet
94Kb / 5P
P-Channel 30-V (D-S) MOSFET
31-Mar-08
SI2303CDS VISHAY-SI2303CDS Datasheet
130Kb / 7P
P-Channel 30-V (D-S) MOSFET
14-Apr-08
logo
Analog Power
AM3933P ANALOGPOWER-AM3933P Datasheet
121Kb / 3P
P-Channel 30-V (D-S) MOSFET
AM7333PE ANALOGPOWER-AM7333PE Datasheet
347Kb / 5P
P-Channel 30-V (D-S) MOSFET
AM4953P ANALOGPOWER-AM4953P Datasheet
366Kb / 5P
P-Channel 30-V (D-S) MOSFET
AM90P03-02P ANALOGPOWER-AM90P03-02P Datasheet
60Kb / 2P
P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4435DDY VISHAY-SI4435DDY Datasheet
279Kb / 10P
P-Channel 30-V (D-S) MOSFET
18-May-09
SI4435DDY-T1-GE3 VISHAY-SI4435DDY-T1-GE3 Datasheet
279Kb / 10P
P-Channel 30-V (D-S) MOSFET
18-May-09
SI7121DN VISHAY-SI7121DN Datasheet
552Kb / 13P
P-Channel 30-V (D-S) MOSFET
23-Jun-08
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com