Electronic Components Datasheet Search
  English  ▼

X  

AND8019 Datasheet(PDF) 9 Page - ON Semiconductor

Part # AND8019
Description  Offline Converter Provides 5.0 Volt, 1.0 Amp Output for Small Electronic Equipment
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AND8019 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button AND8019 Datasheet HTML 4Page - ON Semiconductor AND8019 Datasheet HTML 5Page - ON Semiconductor AND8019 Datasheet HTML 6Page - ON Semiconductor AND8019 Datasheet HTML 7Page - ON Semiconductor AND8019 Datasheet HTML 8Page - ON Semiconductor AND8019 Datasheet HTML 9Page - ON Semiconductor AND8019 Datasheet HTML 10Page - ON Semiconductor AND8019 Datasheet HTML 11Page - ON Semiconductor AND8019 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AND8019/D
http://onsemi.com
9
Pin 5 Switching Waveforms
Figure 10. Switching Waveform
(Pin 5 to Ground)
Vin = 115 Vac
Iout = 1.0 ADC
Figure 11. Switching Waveform
(Pin 5 to Ground)
Vin = 220 Vac
Iout = 1.0 ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com