Electronic Components Datasheet Search
  English  ▼

X  

LMS5214 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMS5214
Description  80mA, Low Dropout Voltage Regulator with Auto Discharge Function in SC70
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMS5214 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMS5214 Datasheet HTML 1Page - National Semiconductor (TI) LMS5214 Datasheet HTML 2Page - National Semiconductor (TI) LMS5214 Datasheet HTML 3Page - National Semiconductor (TI) LMS5214 Datasheet HTML 4Page - National Semiconductor (TI) LMS5214 Datasheet HTML 5Page - National Semiconductor (TI) LMS5214 Datasheet HTML 6Page - National Semiconductor (TI) LMS5214 Datasheet HTML 7Page - National Semiconductor (TI) LMS5214 Datasheet HTML 8Page - National Semiconductor (TI) LMS5214 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LMS5214
80mA, Low Dropout Voltage Regulator with Auto
Discharge Function in SC70
General Description
The LMS5214 is a µCap, low dropout voltage regulator with
very low quiescent current, 110µA typical, at 80mA load. It
also has very low dropout voltage, typically 2mV at light load
and 300mV at 80mA.
The LMS5214 is an enhanced version of the industry stan-
dard LMS5213 with auto discharge function which actively
discharges the output voltage to ground when the device is
placed in shutdown mode. It provides up to 80mA and con-
sumes a typical of 10nA in disable mode, which helps to
extend the battery life.
The LMS5214 is optimized to work with low value, low cost
ceramic capacitors. The output typically requires only 470nF
of output capacitance for stability. The enable pin can be tied
to V
IN for easy device layout.
Low ground current at full load and small package makes the
LMS5214 ideal for portable, battery powered equipment ap-
plications with small space requirements.
The LMS5214 is available in a space saving 5-pin SC70
package. Performance is specified for the −40˚C to +125˚C
temperature range and is available in 2.5V, 2.6V, 2.8V, 2.9V,
3.0V and 3.3V fixed voltages. For other output voltage op-
tions, please contact National Semiconductor.
Features
(Typical unless noted)
n
Space saving SC70 package
n
Low quiescent current: 70µA
n
Low dropout voltage: 2mV
n
Stability with low-ESR ceramic capacitors
n
Auto discharge
n
Fast turn-on
n
Low temperature coefficient
n
Current and thermal limiting
n
Zero current in shutdown mode
n
Pin-to-pin compatible with LMS5213
Applications
n
Cellular Phones
n
Battery-powered equipment
n
Bar code scanner
n
Laptops, notebooks, PDA’s
n
High-efficiency linear power supplies
Typical Application
20043120
August 2002
© 2002 National Semiconductor Corporation
DS200431
www.national.com


Similar Part No. - LMS5214

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMS5213 NSC-LMS5213 Datasheet
271Kb / 10P
80mA, uCap, Low Dropout Voltage Regulator in SC70
LMS5213IM7-2.8 NSC-LMS5213IM7-2.8 Datasheet
271Kb / 10P
80mA, uCap, Low Dropout Voltage Regulator in SC70
LMS5213IM7-3.0 NSC-LMS5213IM7-3.0 Datasheet
271Kb / 10P
80mA, uCap, Low Dropout Voltage Regulator in SC70
LMS5213IM7-3.3 NSC-LMS5213IM7-3.3 Datasheet
271Kb / 10P
80mA, uCap, Low Dropout Voltage Regulator in SC70
LMS5213IM7X-2.8 NSC-LMS5213IM7X-2.8 Datasheet
271Kb / 10P
80mA, uCap, Low Dropout Voltage Regulator in SC70
More results

Similar Description - LMS5214

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC5203 SEMTECH-SC5203 Datasheet
115Kb / 4P
80mA ULTRA LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC5203 MICREL-MIC5203 Datasheet
81Kb / 7P
關Cap??80mA Low-Dropout Voltage Regulator
logo
National Semiconductor ...
LMS5213 NSC-LMS5213 Datasheet
271Kb / 10P
80mA, uCap, Low Dropout Voltage Regulator in SC70
logo
Fairchild Semiconductor
ILC7010 FAIRCHILD-ILC7010 Datasheet
369Kb / 11P
80mA SC70 Low Noise CMOS RF-LDO Regulator
logo
Taiwan Semiconductor Co...
TS9009 TSC-TS9009 Datasheet
105Kb / 5P
80mA CMOS Low Dropout Voltage Regulator with Enable
TS5213 TSC-TS5213 Datasheet
411Kb / 8P
80mA Low Noise LDO Voltage Regulator with Enable Function
logo
Texas Instruments
TPS71401 TI-TPS71401 Datasheet
688Kb / 16P
80mA, 10V, 3.2mA Quiescent Current LOW-DROPOUT LINEAR REGULATOR in SC70 or SON 2x2
logo
Micrel Semiconductor
MIC5203 MICREL-MIC5203_09 Datasheet
267Kb / 10P
關Cap 80mA Low-Dropout Regulator
logo
Taiwan Semiconductor Co...
TS5213 TSC-TS5213_10 Datasheet
550Kb / 8P
80mA Low Noise LDO Voltage Regulator with Enable Function
TS5213 TSC-TS5213_15 Datasheet
310Kb / 8P
80mA Low Noise LDO Voltage Regulator with Enable Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com