Electronic Components Datasheet Search
  English  ▼

X  

AND8079 Datasheet(PDF) 6 Page - ON Semiconductor

Part # AND8079
Description  A Low Cost DDR Memory Power Supply Using the NCP1571 Synchronous Buck Converter and a LM358 Based Linear Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AND8079 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button AND8079 Datasheet HTML 2Page - ON Semiconductor AND8079 Datasheet HTML 3Page - ON Semiconductor AND8079 Datasheet HTML 4Page - ON Semiconductor AND8079 Datasheet HTML 5Page - ON Semiconductor AND8079 Datasheet HTML 6Page - ON Semiconductor AND8079 Datasheet HTML 7Page - ON Semiconductor AND8079 Datasheet HTML 8Page - ON Semiconductor AND8079 Datasheet HTML 9Page - ON Semiconductor AND8079 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AND8079/D
http://onsemi.com
6
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.440
2.445
2.450
2.455
2.460
2.465
2.470
2.475
Figure 4. Output Voltage vs. Vdd Load
Figure 5. Vdd Voltage vs. Vdd Load
Figure 6. Vtt and Vref vs. Vdd Load
1.214
1.216
1.218
1.220
1.222
1.224
1.226
1.228
1.230
1.232
1.234
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
Figure 7. Output Voltage vs. Input Voltage
Figure 8. Efficiency vs. Vdd Load
Figure 9. Efficiency vs. Input Voltage
0.60
0.65
0.70
0.75
0.80
0.85
0.90
0
1
2
3456
7
8
0.75
0.76
0.77
0.78
0.79
0.80
0.81
0.82
3
4
5
6789
10
0.74
INPUT VOLTAGE (V)
EFFICIENCY
Vdd LOAD CURRENT (A)
INPUT VOLTAGE (V)
Vdd LOAD (A)
EFFICIENCY
Vdd
Vtt
Vref
Vdd LOAD (A)
Vdd LOAD (A)
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
Vdd
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
Vdd
JVtt
YVref
JVtt
YVref



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com