Electronic Components Datasheet Search
  English  ▼

X  

F210R Datasheet(PDF) 1 Page - Fox Electronics

Part # F210R
Description  HCMOS 2.5x2mm 1.8V Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

F210R Datasheet(HTML) 1 Page - Fox Electronics

  F210R Datasheet HTML 1Page - Fox Electronics F210R Datasheet HTML 2Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554 www.foxonline.com
EMEA Tel: +44 .1283.568153 | Canada +1.888.438.2369 | Asia Hong Kong Tel: +852.2854.4285 | Japan Tel: +81.3.3374.2079
© 2012 FOX ELECTRONICS | ISO9001:2008 Certified
HCMOS 2.5x2mm 1.8V Oscillator
Rev. 9/17/2012
RoHS & REACH Compliant
http://www.foxonline.com/need_a_sample.htm
Model: F210 SERIES
Page 1 of 2
FEATURES
• Standby Function
• Tape and Reel (3,000 pcs. STD)
Frequency
Stability1
±100PPM
±100PPM
±50PPM
±50PPM
±25PPM
±25PPM*
Operating
Temperature (ºC)
-10 ~ +70
-40 ~ +85
-10 ~ +70
-40 ~ +85
-10 ~ +70
-40 ~ +85
Frequency
Range (MHz)
0.750 ~ 50.000
0.750 ~ 50.000
0.750 ~ 50.000
0.750 ~ 50.000
0.750 ~ 50.000
1.800 ~ 50.000
F210
F210R
F215
F215R
F216
F216R
0.750 ~ 50.000 MHz
-55ºC ~ +100ºC
1.8V ± 5%
2.5mA
3.5mA
4.0mA
4.5mA
5.0mA
45% ~ 55%
10nS
10nS
10% VDD
90% VDD Min
2mA Min
-2mA Min
15pF
10µA
10mS
10uS
10mS
260ºC / 10 Seconds
1
Au
PARAMETERS
Frequency Range (FO)
Storage Temperature Range (TSTG)
Supply Voltage
(VDD)
Input Current
(IDD)
0.750 ~ 10.000 MHz
10.000+ ~ 20.000 MHz
20.000+ ~ 30.000 MHz
30.000+ ~ 40.000 MHz
40.000+ ~ 50.000 MHz
Output Symmetry (50% VDD)
Rise Time (10% ~ 90% VDD)
Fall Time (90% ~ 10% VDD)
Output Voltage
(VOL)
(VOH)
Output Current
(IOL)
(IOH)
Output Load
(HCMOS)
Standby Current
Start-up Time
(TS)
Output Disable Time 2
Output Enable Time 2
Reflow Soldering Temp
Moisture Sensitivity Level (MSL)
Termination Finish
• ELECTRICAL CHARACTERISTICS
MAX (unless otherwise noted)
1
Inclusive of 25ºC tolerance, operating temperature range, input voltage change, load change, reflow,
and one year aging
*Excludes Shock/Vibration.
2
An internal pullup resistor from pin 1 to pin 4 allows active output if pin 1 is left open.
Note: A 0.01µF capacitor should be placed between VDD (Pin 4) and GND (Pin2) to minimize
power supply noise.
~Drawing is for reference to critical specifications defined by size measurements.
Certain non-critical visual attributes, such as side castellations, reference pin shape, etc. may
vary. All specifications subject to change without notice.
Model
Number
Part Number
819-Frequency-xxxxx
819A-Frequency-xxxxx
819B-Frequency-xxxxx
819C-Frequency-xxxxx
819D-Frequency-xxxxx
819E-Frequency-xxxxx
• PART NUMBER SELECTION
2 .6 M a x
1 .0 M a x
0 .9 5
2 .1 m a x
0 .7 8
0 .6 5
0 .6 8
R ec ommended
S olde r P a d L a y out
0 .9
0 .9 5
0 .8
0 .6 5
#1
#4
#2
#3
#4
#3
#2
#1
All dimensions are in millimeters.
P in C onne c tions
# 1 E /D
# 3 O utput
# 2 G N D
# 4 V DD
T op
V ie w
B ottom
V ie w
Dot de note s
pin 1 .
OUTPUT (Pin 3)
ACTIVE
ACTIVE
High Z
• ENABLE / DISABLE FUNCTION
Pin 1
OPEN2
'1' Level VIH ≥ 70% VDD
'0' Level VIL ≤ 30% VDD


Similar Part No. - F210R

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F210R FOX-F210R Datasheet
684Kb / 2P
HCMOS 2.5x2mm 1.8V Oscillator
F210R FOX-F210R Datasheet
684Kb / 2P
HCMOS 2.5x2mm 1.8V Oscillator
More results

Similar Description - F210R

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F240 FOX-F240 Datasheet
185Kb / 2P
HCMOS 2.5x2mm 2.5V Oscillator
F230 FOX-F230 Datasheet
185Kb / 2P
HCMOS 2.5x2mm 3.3V Oscillator
F200 FOX-F200 Datasheet
133Kb / 2P
HCMOS 2.5x2mm 1.0 V SMD Oscillator
F210 FOX-F210 Datasheet
684Kb / 2P
HCMOS 2.5x2mm 1.8V Oscillator
F216R-24.000 FOX-F216R-24.000 Datasheet
684Kb / 2P
HCMOS 2.5x2mm 1.8V Oscillator
F235-16 FOX-F235-16 Datasheet
133Kb / 2P
HCMOS 2.5x2mm 3.3V Oscillator
F235-40 FOX-F235-40 Datasheet
133Kb / 2P
HCMOS 2.5x2mm 3.3V Oscillator
F316R-12.000 FOX-F316R-12.000 Datasheet
431Kb / 2P
HCMOS 3.2x2.5mm 1.8V SMD Oscillator
F316R-20.000 FOX-F316R-20.000 Datasheet
431Kb / 2P
HCMOS 3.2x2.5mm 1.8V SMD Oscillator
F316R-48.000 FOX-F316R-48.000 Datasheet
431Kb / 2P
HCMOS 3.2x2.5mm 1.8V SMD Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com