Electronic Components Datasheet Search
  English  ▼

X  

F4103 Datasheet(PDF) 1 Page - Fox Electronics

Part # F4103
Description  5.0V, HCMOS SMD Oscillator with Standby
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

F4103 Datasheet(HTML) 1 Page - Fox Electronics

  F4103 Datasheet HTML 1Page - Fox Electronics F4103 Datasheet HTML 2Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
71
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554 http://www.foxonline.com
EMEA Tel/Fax: +44 .1767.312632 | Asia Hong Kong Tel: +852.2854.4285 Fax +852.2854.4282
| Japan Tel: +81.3.3374/2079 Fax: +81.3.3374.5221
© 2009 FOX ELECTRONICS | ISO9001:2000 Certified
FEATURES
• 5.0V Operation
• HCMOS Output
• Standby Function
• Tape and Reel (2,000 pcs. STD)
OUTPUT (Pin 3)
ACTIVE
ACTIVE
High Z
• EnAblE / DiSAblE FUncTiOn
INH (Pin 1)
OPEN 2
'1' Level Vih
≥ 70% Vdd
'0' Level Vil
≤ 30% Vdd
Frequency
Stability1
±100PPM
±100PPM
±50PPM
±50PPM
±25PPM
±25PPM
±20PPM
Operating
Temperature
-10 ~ +70ºC
-40 ~ +85ºC
-10 ~ +70ºC
-40 ~ +85ºC
-10 ~ +70ºC
-40 ~ +85ºC
-10 ~ +70ºC
Frequency
Range (MHz)
0.012 ~ 170.000
0.012 ~ 170.000
0.012 ~ 170.000
0.012 ~ 170.000
0.012 ~ 162.000
0.012 ~ 156.250
0.012 ~ 162.000
F4101
F4101R
F4102
F4102R
F4103
F4103R*
F4104*
Model
Number
1 Inclusive of 25ºC tolerance, operating temperature range, input voltage change, load change, ag-
ing, shock, and vibration. *Excludes shock/vibration.
2 An internal pullup resistor from pin 1 to pin 4 allows active output if pin 1 is left open.
Note: A 0.01µF bypass capacitor should be placed between VDD (Pin 4) and GND (Pin 2) to
minimize power supply line noise.
Drawing is for reference to critical specifications defined by size measurements.
Certain non-critical visual attributes, such as side castellations, reference pin shape, etc. may
vary. All specifications subject to change without notice.
0.012 ~ 170.000 MHz
-55ºC ~ +125ºC
5.0V ± 10%
18mA
50mA
80mA
90mA
40% ~ 60%
5nS
4nS
5nS
4nS
10% Vdd
90% Vdd Min
2mA Min
-2mA Min
15pF
10µA
10mS
150nS
10mS
PARAMETERS
Frequency Range
(Fo)
Storage Temperature Range (Tstg)
Supply Voltage
(Vdd)
Input Current
(Idd)
0.012 ~ 32.000 MHz
32.000+ ~ 67.000 MHz
67.000+ ~ 125.000 MHz
125.000+ ~ 170.000 MHz
Output Symmetry (50% Vdd)
Rise Time (10% ~ 90% Vdd) (Tr)
0.012 ~ 79.999999 MHz
80.000 ~ 170.000 MHz
Fall Time (90% ~ 10% Vdd) (Tf)
0.012 ~ 79.999999 MHz
80.000 ~ 170.000 MHz
Output Voltage
(Vol)
(Voh)
Output Current
(Iol)
(Ioh)
Output Load
(HCMOS)
Standby Current
Start-up Time
(Ts)
Output Disable Time 2
Output Enable Time 2
• ElEcTRicAl cHARAcTERiSTicS
MAX (unless otherwise noted)
Part Number
118-Frequency-xxxxx
119-Frequency-xxxxx
120-Frequency-xxxxx
121-Frequency-xxxxx
122-Frequency-xxxxx
123-Frequency-xxxxx
446-Frequency-xxxxx
• PART nUMbER SElEcTiOn Learn More - Internet Required
5.0V, HcMOS SMD Oscillator with Standby
Rev. 1/23/2009
RoHS compliant / Pb Free
http://www.foxonline.com/need_a_sample.htm
Model: F4101 SERiES
Page 1 of 2
5.2 M ax
1.5 M ax
7.5 M ax
Solder Pad Layout
Recommended
#1
#2
#3
#4
#1
#2
#4
#3
5.08±0.1
2.6±0.2
Pin Connections
#1 E/D
#3 Output
#2 GND #4 V
2.0±0.1
5.08±0.1
4.2±0.1
DD
1.4±0.2
1.8±0.1
Top
View
Bottom
View
Dot denotes
pin 1
All dim ensions are in m illim eters


Similar Part No. - F4103

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F4103 FOX-F4103 Datasheet
114Kb / 1P
5.0V HCMOS SMD OSCILLATOR WITH STANDBY
F4103R FOX-F4103R Datasheet
114Kb / 1P
5.0V HCMOS SMD OSCILLATOR WITH STANDBY
More results

Similar Description - F4103

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
F3345 ETC2-F3345 Datasheet
107Kb / 1P
5.0V HCMOS SMD OSCILLATOR
F530L ETC2-F530L Datasheet
89Kb / 1P
3.3V HCMOS CERAMIC SMD OSCILLATOR WITH STANDBY
logo
Fox Electronics
F4200 FOX-F4200 Datasheet
87Kb / 1P
3.3V HCMOS CERAMIC SMD OSCILLATOR WITH STANDBY
F4101 FOX-F4101 Datasheet
114Kb / 1P
5.0V HCMOS SMD OSCILLATOR WITH STANDBY
F3345 FOX-F3345 Datasheet
204Kb / 2P
5.0V, HCMOS, SMD Oscillator
F550L FOX-F550L Datasheet
165Kb / 2P
HCMOS 5x3.2mm 5.0V SMD Oscillator
F550H FOX-F550H Datasheet
165Kb / 2P
HCMOS 5x3.2mm 5.0V SMD Oscillator
F3345-200 FOX-F3345-200 Datasheet
404Kb / 2P
5.0V, HCMOS, SMD Oscillator
F3345-250 FOX-F3345-250 Datasheet
408Kb / 3P
5.0V, HCMOS, SMD Oscillator
092-80-15 FOX-092-80-15 Datasheet
404Kb / 2P
5.0V, HCMOS, SMD Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com