Electronic Components Datasheet Search
  English  ▼

X  

F230 Datasheet(PDF) 1 Page - Fox Electronics

Part # F230
Description  HCMOS 2.5x2mm 3.3V Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

F230 Datasheet(HTML) 1 Page - Fox Electronics

  F230 Datasheet HTML 1Page - Fox Electronics F230 Datasheet HTML 2Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554 www.foxonline.com
EMEA Tel: +44.11283.568153 | Asia Hong Kong Tel: +852.2854.4285 Fax +852.2854.4282
| Japan Tel: +81.3.3374/2079 Fax: +81.3.3374.5221
© 2010 FOX ELECTRONICS | ISO9001:2008 Certified
FEATURES
• 3.3V Operation
• Standby Function
• Tape and Reel (3,000 pcs. STD)
Frequency
Stability1
±100PPM
±100PPM
±50PPM
±50PPM
±25PPM
Operating
Temperature (ºC)
-20 ~ +70
-40 ~ +85
-20 ~ +70
-40 ~ +85
-20 ~ +70
Frequency
Range (MHz)
0.750 ~ 50.000
0.750 ~ 50.000
0.750 ~ 50.000
0.750 ~ 50.000
0.750 ~ 50.000
F230
F230R
F235
F235R
F236
0.750 ~ 50.000 MHz
-55ºC ~ +100ºC
3.3V ± 5%
7mA
13mA
19mA
45% ~ 55%
10nS
10nS
10% Vdd
90% Vdd Min
5mA Min
-5mA Min
15pF
5µA
10mS
150nS
10mS
± 5 PPM
260ºC / 10 Seconds
1
Au
PARAMETERS
Frequency Range
(Fo)
Storage Temperature Range (Tstg)
Supply Voltage
(Vdd)
Input Current
(Idd)
0.750 ~ 19.999 MHz
19.999+ ~ 39.999 MHz
39.999+ ~ 50.000 MHz
Output Symmetry (50% Vdd)
Rise Time (10% ~ 90% Vdd) (Tr)
Fall Time (90% ~ 10% Vdd) (Tf)
Output Voltage
(Vol)
(Voh)
Output Current
(Iol)
(Ioh)
Output Load
(HCMOS)
Standby Current
Start-up Time
(Ts)
Output Disable Time 2
Output Enable Time 2
Aging
(Ta=25ºC: per year)
Reflow Soldering Temp
Moisture Sensitivity Level (MSL)
Termination Finish
• ELECTRICAL CHARACTERISTICS
MAX (unless otherwise noted)
1 Inclusive of 25ºC tolerance, operating temperature range, input voltage change, load change, shock,
and vibration.
2 An internal pullup resistor from pin 1 to pin 4 allows active output if pin 1 is left open.
Note: A 0.01µF capacitor should be placed between Vdd (Pin 4) and GND (Pin2) to minimize
power supply noise. All specifications subject to change without notice.
Drawing is for reference to critical specifications defined by size measurements.
Certain non-critical visual attributes, such as side castellations, reference pin shape, etc. may
vary. All specifications subject to change without notice.
OUTPUT (Pin 3)
ACTIVE
ACTIVE
High Z
• EnAbLE / DISAbLE FUnCTIOn
INH (Pin 1)
OPEN
'1' Level Vih
≥ 80% Vdd
'0' Level Vil
≤ 20% Vdd
Model
Number
Part Number
781-Frequency-xxxxx
781R-Frequency-xxxxx
782-Frequency-xxxxx
782R-Frequency-xxxxx
783-Frequency-xxxxx
• PART nUMbER SELECTIOn Learn More - Internet Required
HCMOS 2.5x2mm 3.3V Oscillator
Rev. 12/2/2010
RoHS Compliant / Pb Free
http://www.foxonline.com/need_a_sample.htm
Model: F230 SERIES
Page 1 of 2
2 . 6 M a x
1 . 0 M a x
0 . 9 5
2 . 1 m a x
0 . 7 8
0 . 6 5
0 . 6 8
R e c om m e nde d
S olde r P a d L a y out
0 . 9
0 . 9 5
0 . 8
0 . 6 5
# 1
# 4
# 2
# 3
# 4
# 3
# 2
# 1
All dimensions are in millimeters.
P in C onne c tions
# 1 E /D
# 3 O utput
# 2 G N D
# 4 V DD
T op
V ie w
B ottom
V ie w
Dot de note s
pin 1 .


Similar Part No. - F230

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F230 FOX-F230 Datasheet
185Kb / 2P
HCMOS 2.5x2mm 3.3V Oscillator
F230 FOX-F230 Datasheet
133Kb / 2P
HCMOS 2.5x2mm 3.3V Oscillator
F230R FOX-F230R Datasheet
185Kb / 2P
HCMOS 2.5x2mm 3.3V Oscillator
F230R FOX-F230R Datasheet
133Kb / 2P
HCMOS 2.5x2mm 3.3V Oscillator
F230TS FOX-F230TS Datasheet
500Kb / 2P
HCMOS 2.5x2.0mm 3.3V SMD Oscillator
More results

Similar Description - F230

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F240 FOX-F240 Datasheet
185Kb / 2P
HCMOS 2.5x2mm 2.5V Oscillator
F230 FOX-F230 Datasheet
185Kb / 2P
HCMOS 2.5x2mm 3.3V Oscillator
logo
EUROQUARTZ limited
EQXP-HC53 EUROQUARTZ-EQXP-HC53 Datasheet
166Kb / 1P
HCMOS 5x3.2mm 3.3V OSCILLATOR
logo
Fox Electronics
F200 FOX-F200 Datasheet
133Kb / 2P
HCMOS 2.5x2mm 1.0 V SMD Oscillator
F210 FOX-F210 Datasheet
684Kb / 2P
HCMOS 2.5x2mm 1.8V Oscillator
F4105-200 FOX-F4105-200 Datasheet
441Kb / 2P
3.3V, HCMOS , SMD Oscillator
F4105-400 FOX-F4105-400 Datasheet
441Kb / 2P
3.3V, HCMOS , SMD Oscillator
819A-10-1 FOX-819A-10-1 Datasheet
684Kb / 2P
HCMOS 2.5x2mm 1.8V Oscillator
F216R-24.000 FOX-F216R-24.000 Datasheet
684Kb / 2P
HCMOS 2.5x2mm 1.8V Oscillator
F235-40 FOX-F235-40 Datasheet
133Kb / 2P
HCMOS 2.5x2mm 3.3V Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com