Electronic Components Datasheet Search
  English  ▼

X  

F136 Datasheet(PDF) 1 Page - Fox Electronics

Part # F136
Description  HCMOS 2.0x1.6mm 3.3V SMD Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

F136 Datasheet(HTML) 1 Page - Fox Electronics

  F136 Datasheet HTML 1Page - Fox Electronics F136 Datasheet HTML 2Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554 www.foxonline.com
EMEA Tel: +44 .11283.568153 | Canada +1.888.438.2369 | Asia Hong Kong Tel: +852.2854.4285 | Japan Tel: +81.3.3374.2079
© 2011 FOX ELECTRONICS | ISO9001:2008 Certified
FEATURES
• 3.3V Operation
• Standby Function
• Tape and Reel (3,000 pcs. STD)
Frequency
Stability
±100PPM1
±100PPM1
±50PPM1
±50PPM1
±25PPM2
Operating
Temperature (ºC)
-20 ~ +70
-40 ~ +85
-20 ~ +70
-40 ~ +85
-10 ~ +60
Frequency
Range (MHz)
1.000 ~ 80.000
1.000 ~ 80.000
1.000 ~ 80.000
1.000 ~ 80.000
1.000 ~ 80.000
F130
F130R
F135
F135R
F136
1.000~ 80.000 MHz
-40ºC ~ +85ºC
3.3V ± 10%
5mA
10mA
15mA
45% ~ 55%
6nS
6nS
10% Vdd
90% Vdd Min
4mA Min
-4mA Min
15pF
10µA
2mS
50uS
2mS
-120dBc/Hz Typ.
260ºC ±5ºC / 5 Seconds
1
Au over Ni
PARAMETERS
Frequency Range
(Fo)
Storage Temperature Range (Tstg)
Supply Voltage
(Vdd)
Input Current
(Idd)
1.000000 ~ 40.000000 MHz
40.000001 ~ 60.000000 MHz
60.000001 ~ 80.000000 MHz
Output Symmetry (50% Vdd)
Rise Time (10% ~ 90% Vdd)
Fall Time (90% ~ 10% Vdd)
Output Voltage
(Vol)
(Voh)
Output Current
(Iol)
(Ioh)
Output Load
(HCMOS)
Standby Current
Start-up Time
(Ts)
Output Disable Time 3
Output Enable Time 3
Phase Noise ( 36 MHz @ 1 kHz offset)
Maximum Soldering Temp / Time
Moisture Sensitivity Level (MSL)
Termination Finish
• ELECTRICAL CHARACTERISTICS
MAX (unless otherwise noted)
1 Inclusive of 25ºC tolerance, operating temperature range, input voltage change, load change,
reflow freq. shift and one year aging.
2 Inclusive of 25ºC tolerance and operating temperature range.
3 An internal pullup resistor from pin 1 to pin 4 allows active output if pin 1 is left open.
Notes: A 0.01µF capacitor should be placed between Vdd (Pin 4) and GND (Pin2) to minimize
power supply noise.
Dimensional drawing is for reference to critical specifications defined by size measurements.
Certain non-critical visual attributes, such as side castellations, reference pin shape, etc. may
vary.
All specifications subject to change without notice.
OUTPUT (Pin 3)
ACTIVE
ACTIVE
High Z
• EnAbLE / DISAbLE FUnCTIOn
Pin 1
OPEN3
'1' Level Vih
≥ 70% Vdd
'0' Level Vil
≤ 30% Vdd
Model
Number
Part Number
837-Frequency-xxxxx
837A-Frequency-xxxxx
837B-Frequency-xxxxx
837C-Frequency-xxxxx
837D-Frequency-xxxxx
• PART nUMbER SELECTIOn Learn More - Internet Required
HCMOS 2.0x1.6mm 3.3V SMD Oscillator
Rev. 3/9/2011
RoHS Compliant / Pb Free
http://www.foxonline.com/need_a_sample.htm
Model: F130 SERIES
Page 1 of 2
#1
#2
#4
#3
#1
#2
#4
#3
2.1 M ax
1.7 M ax
0.8 M ax
0.5
0.5
0.6
0.7
0.65
0.75
0.35
0.55
Recom m ended
Solder Pad Layout
Top View
Bottom
View
Dot denotes
pin1.
Pin Connection
#1 E/D
#3 Output
#2 GND
#4 Vdd
All dimensions are in millimeters.


Similar Part No. - F136

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F136 FOX-F136 Datasheet
492Kb / 2P
HCMOS 2.0x1.6mm 3.3V SMD Oscillator
logo
Ledil, Inc.
F13659 LEDIL-F13659 Datasheet
5Mb / 110P
Angelina Reflector
F13660 LEDIL-F13660 Datasheet
6Mb / 110P
Angelina Reflector
F13661 LEDIL-F13661 Datasheet
6Mb / 110P
Angelina Reflector
logo
Cree, Inc
F13662 CREE-F13662 Datasheet
5Mb / 100P
ANGELA series
More results

Similar Description - F136

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F4100 FOX-F4100_1 Datasheet
217Kb / 2P
3.3V, HCMOS, SMD Oscillator
F537 FOX-F537 Datasheet
214Kb / 2P
HCMOS 5x3.2mm 3.3V SMD Oscillator
F4100-600 FOX-F4100-600 Datasheet
486Kb / 2P
3.3V. HCMOS, SMD Oscillator
F4100-500 FOX-F4100-500 Datasheet
308Kb / 2P
3.3V, HCMOS, SMD Oscillator
F110 FOX-F110 Datasheet
491Kb / 2P
HCMOS 2.0x1.6mm 1.8V SMD Oscillator
F130 FOX-F130 Datasheet
492Kb / 2P
HCMOS 2.0x1.6mm 3.3V SMD Oscillator
F140 FOX-F140 Datasheet
491Kb / 2P
HCMOS 2.0x1.6mm 2.5V SMD Oscillator
F4105-200 FOX-F4105-200 Datasheet
441Kb / 2P
3.3V, HCMOS , SMD Oscillator
F4105-400 FOX-F4105-400 Datasheet
441Kb / 2P
3.3V, HCMOS , SMD Oscillator
O1HS FOX-O1HS Datasheet
306Kb / 6P
HCMOS 2.0x1.6mm SMD Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com