Electronic Components Datasheet Search
  English  ▼

X  

AND8116D Datasheet(PDF) 3 Page - ON Semiconductor

Part # AND8116D
Description  Integrated Relay/Inductive Load Drivers for Industrial and Automotive Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AND8116D Datasheet(HTML) 3 Page - ON Semiconductor

  AND8116D Datasheet HTML 1Page - ON Semiconductor AND8116D Datasheet HTML 2Page - ON Semiconductor AND8116D Datasheet HTML 3Page - ON Semiconductor AND8116D Datasheet HTML 4Page - ON Semiconductor AND8116D Datasheet HTML 5Page - ON Semiconductor AND8116D Datasheet HTML 6Page - ON Semiconductor AND8116D Datasheet HTML 7Page - ON Semiconductor AND8116D Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AND8116/D
http://onsemi.com
3
The 40 V N−channel FET is designed to switch the relay’s
coil for currents up to 500 mA. The clamping protection
Zener diodes (14 V) provides a clamp function to suppress
the voltage spike generated by the relay’s coil during the
turn−off interactions (V = Ldi/dt). The ESD protection
Zener diodes protects the gate−source silicon junction
against ESD conditions possibly induced by persons during
the handling or assembly of the device. And the bias resistor
provides the drive control signals to the FET.
Figure 3 illustrates the typical connection diagram of the
NUD3105 / NUD3112 devices:
Figure 3. Typical Connection Diagram
(NUD3105 5.0 V Relay’s Coils and NUD3112 for 12 V)
1.0 k
300 k
ESD
Zener
14 V
ESD
Zener
14 V
Clamp Zener
7 V or 14 V
Clamp Zener
7 V or 14 V
+5 V/3.3 V
LOGIC
+12 V/5.0 V
RELAY
0
NUD3105, NUD3112
When positive logic voltage is applied to the gate of the
device (5.0 V/3.3 V), the FET is turned−on which activates
the relay. When the FET is turned−off, the relay’s coil is
deactivated which causes it to kickback and generates a high
voltage spike, this voltage spike is suppressed by the clamp
Zener diodes placed across the FET. This operation
sequence is repeated for all the on and off operations of the
relay driver. Figure 4 shows the voltage and current
waveforms generated across the NUD3112 relay driver
when it is controlling an OMRON relay (G8TB−1A−64).
This relay has the following coil characteristics: L = 46 mH,
Rdc = 100
W. The current that the relay takes for 12 V of
supply voltage is 120 mA. The integrated FET has a typical
on−resistance of 1.0
W, therefore the power dissipation
generated in the FET is around 15 mW (P = I2R) at 25
°C of
ambient temperature. It results in an on−voltage drop of only
125 mV at 120 mA of current.
Figure 4. Traces Generated Across NUD3112 Device
when Driving OMRON Relay G8TB−1A−64
VGS – 10 V/div
VDS – 10 V/div
ID – 50 mA/div
VSUPPLY – 10 V/div
Inductor
kick back



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com