Electronic Components Datasheet Search
  English  ▼

X  

LMS8117A Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMS8117A
Description  1A Low-Dropout Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMS8117A Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMS8117A Datasheet HTML 1Page - National Semiconductor (TI) LMS8117A Datasheet HTML 2Page - National Semiconductor (TI) LMS8117A Datasheet HTML 3Page - National Semiconductor (TI) LMS8117A Datasheet HTML 4Page - National Semiconductor (TI) LMS8117A Datasheet HTML 5Page - National Semiconductor (TI) LMS8117A Datasheet HTML 6Page - National Semiconductor (TI) LMS8117A Datasheet HTML 7Page - National Semiconductor (TI) LMS8117A Datasheet HTML 8Page - National Semiconductor (TI) LMS8117A Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Ordering Information
Package
Temperature Range (T
J)
Packaging Marking
Transport Media
NSC
Drawing
0˚C to +125˚C
3-lead SOT-223
LMS8117AMP-ADJ
LS0A
1k Tape and Reel
MP04A
LMS8117AMPX-ADJ
LS0A
2k Tape and Reel
LMS8117AMP-1.8
LS00
1k Tape and Reel
LMS8117AMPX-1.8
LS00
2k Tape and Reel
LMS8117AMP-3.3
LS01
1k Tape and Reel
LMS8117AMPX-3.3
LS01
2k Tape and Reel
3-lead TO-252
LMS8117ADT-ADJ
LMS8117ADT-ADJ
Rails
TD03B
LMS8117ADTX-ADJ
LMS8117ADT-ADJ
2.5k Tape and Reel
LMS8117ADT-1.8
LMS8117ADT-1.8
Rails
LMS8117ADTX-1.8
LMS8117ADT-1.8
2.5k Tape and Reel
LMS8117ADT-3.3
LMS8117ADT-3.3
Rails
LMS8117ADTX-3.3
LMS8117ADT-3.3
2.5k Tape and Reel
Connection Diagrams
SOT-223
TO-252
10119699
Top View
10119638
Top View
Block Diagram
10119601
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com