Electronic Components Datasheet Search
  English  ▼

X  

AS2208D Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AS2208D
Description  Primary Side PWM Controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AS2208D Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AS2208D Datasheet HTML 1Page - List of Unclassifed Manufacturers AS2208D Datasheet HTML 2Page - List of Unclassifed Manufacturers AS2208D Datasheet HTML 3Page - List of Unclassifed Manufacturers AS2208D Datasheet HTML 4Page - List of Unclassifed Manufacturers AS2208D Datasheet HTML 5Page - List of Unclassifed Manufacturers AS2208D Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AS2208
Primary Side PWM Controller
ASTEC Semiconductor
80
Electrical Characteristics
Electrical Characteristics are guaranteed over full junction temperature range (0 to 105
° C). Ambient temperature must be derated
based on power dissipation and package thermal characteristics. Unless otherwise specified, the conditions of test are VCC = 15 V;
BOK = 3 V; OV = 0V; RT = 680
Ω; CT = 10 nF. To override UVLO, VCC should be raised above 18 V prior to test.
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
5 V Regulator
Output Voltage
VREG
IREG = 1 mA, TJ= 25
° C
4.90
5.00
5.10
V
Line Regulation
PSRR
9
≤ VCC ≤ 18 V
5
15
mV
Load Regulation
1
≤ IREG ≤ 20mA
5
15
mV
Temperature Stability
TCREG
0.2
0.4
mV/
°C
Total Output Variation
Line, Load,Temperature
4.85
5.15
V
Long-Term Stability
Over 1,000 hrs at 25
°C5
25
mV
Output Noise Voltage
VNOISE
10
≤ f ≤ 100kHz, TJ = 25°C50
µV
Maximum Source Current
IMAX
VREG = 4.8 V
30
120
180
mA
Oscillator
Initial Accuracy
FOSC
TJ =25
°C
108
120
132
kHz
Voltage Stability
9
≤ VCC ≤ 18 V
0.2
1
%
Temperature Stability
TCF
TMIN
≤ TJ ≤ TMAX
5%
Amplitude
VOSC
VRT/CT peak-to-peak
1.55
V
Upper Trip Point
VH
2.80
V
Lower Trip Point
VL
1.25
V
Discharge Current
IDSC
7.50
8.70
9.50
mA
Duty cycle Limit
RT =680
Ω, CT =10nF, TJ =25°C46
50
55
%
Over-Temperature Shutdown
TOT
140
°C
Current Sense Comparator
Transfer Gain
AV ISNS
-0.2
≤ VISNS ≤ 0.8 V
2.85
3.00
3.15
V/V
ISNS Level Shift
VLS
VISNS = 0 V
1.50
V
Maximum Input Signal
VISNS MAX
VCOMP =+5 V
1.00
1.08
1.20
V
Input Bias Current
IBIAS ISNS
VCOMP =+5 V
-1
-10
µA
COMP Source Current
ICOMPH
VCOMP =+5 V
0.6
1.0
mA
COMP Swing High
VCOMPH
5.2
5.6
V
Power Supply Rejection Ratio
PSRR
9
≤ VCC ≤ 18 V
70
dB
Propagation Delay to Output
tPB
85
150
ns



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com