Electronic Components Datasheet Search
  English  ▼

X  

LM111 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # LM111
Description  Voltage comparator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LM111 Datasheet(HTML) 3 Page - NXP Semiconductors

  LM111 Datasheet HTML 1Page - NXP Semiconductors LM111 Datasheet HTML 2Page - NXP Semiconductors LM111 Datasheet HTML 3Page - NXP Semiconductors LM111 Datasheet HTML 4Page - NXP Semiconductors LM111 Datasheet HTML 5Page - NXP Semiconductors LM111 Datasheet HTML 6Page - NXP Semiconductors LM111 Datasheet HTML 7Page - NXP Semiconductors LM111 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Philips Semiconductors
Product data
AU211/LM111/211/311/311B
Voltage comparator
2003 Sep 30
3
EQUIVALENT SCHEMATIC
BALANCE/
STROBE
BALANCE
R3
300
R1
1.3 k
Ω
R4
300
R2
1.3 k
Ω
Q8
R5
70
Q5
R6
1.2 k
Ω
R7
1.2 k
Ω
Q7
Q3
R8
750
Q10
R9
600
Q11
Q20
Q19
Q8
Q9
Q18
R10
4 k
Ω
Q13
Q12
Q14
OUTPUT
V+
Q15
R11
130
R12
600
R13
4
Q18
V–
Q17
R15
450
R15
400
R14
2 k
Ω
R17
60
Q22
R18
200
Q4
Q2
Q23
R19
250
Q2
D1
5 V
D2
5 V
Q1
INPUTS
SL00063
Figure 2. Equivalent Schematic
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
RATING
UNIT
VS
Total supply voltage
36
V
Output to negative supply voltage
LM111/LM211
50
V
LM311/LM311B
40
V
Ground to negative supply voltage
30
V
Differential input voltage
±30
V
VIN
Input voltage 1
±15
V
PD MAX
Maximum power dissipation, Tamb = 25 °C (still-air) 2
N package
1190
mW
D package
780
mW
I
Output short-circuit duration
10
sec
Tamb
Operating ambient temperature range
AU211
–40 to +125
°C
LM111
–55 to +125
°C
LM211
–25 to +85
°C
LM311/LM311B
0 to +70
°C
Tstg
Storage temperature range
–65 to +150
°C
Tsld
Lead soldering temperature (10 sec max)
230
°C
NOTES:
1. This rating applies for
±15 V supplies. The positive input voltage limit is 30 V above the negative supply. The negative input voltage limit is
equal to the negative supply voltage or 30 V below the positive supply, whichever is less.
2. Derate above 25
°C, at the following rates:
N package at 9.5 mW/
°C
D package at 6.2 m/W
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com