Electronic Components Datasheet Search
  English  ▼

X  

ADNS-5000 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # ADNS-5000
Description  Solid-State Optical Mouse Sensor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ADNS-5000 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  ADNS-5000 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ADNK-5000
Solid-State Optical Mouse Sensor
Sample Kit
Kit Components
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies Limited in the United States and other countries.
Data subject to change. Copyright © 2005-2008 Avago Technologies Limited. All rights reserved.
AV02-1145EN - April 8, 2008
Sensor
The sensor technical information is contained in the
ADNS-5000 Data Sheet.
Lens
The lens information is contained in the ADNS-5100
Data Sheet.
LED Assembly Clip
The assembly information is contained in the ADNS-
5200 Data Sheet.
LED
Information on the LED is contained in the HLMP-ED80-
XX000 Data Sheet.
Part Number
Description
Name
Quantity
ADNS-5000
Solid-State Optical Mouse Sensor
Sensor
5
ADNS-5100
Lens Plate (Round Lens)
Lens
5
ADNS-5100-001
Lens Plate (Trim Lens)
Lens
5
ADNS-5200
LED Assembly Clip (Black Clip)
LED Clip
5
HLMP-ED80-XX000
639 nm T 1 ¾ (5 mm) Diameter LED
LED
5
CD
- ADNS-5000 Data Sheet
- ADNS-5100 Data Sheet
- ADNS-5200 Data Sheet
- HLMP-ED80-XX000 LED Data Sheet
- IGES Base Plate Feature File
-
1
IGES Base Plate Feature File
The IGES file provides recommended base plate mold-
ing features to ensure optical alignment.
CD
The above technical information for the sensor, clip, lens
and IGES Base Plate Feature File is contained within this
media.


Similar Part No. - ADNS-5000

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5000 AVAGO-ADNS-5000 Datasheet
298Kb / 34P
Optical Mouse Sensor
logo
Broadcom Corporation.
ADNS-5000 BOARDCOM-ADNS-5000 Datasheet
63Kb / 1P
Solid-State Optical Mouse Sensor
More results

Similar Description - ADNS-5000

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM701 ELM-ELM701 Datasheet
21Kb / 3P
Solid State Mouse
logo
Agilent(Hewlett-Packard...
ADNK-2620 HP-ADNK-2620 Datasheet
116Kb / 1P
Solid-State Optical Mouse Sensor
logo
Analog Devices
ADNK-2030 AD-ADNK-2030 Datasheet
121Kb / 1P
Solid-State Optical Mouse Sensor Sample Kit
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5100 AVAGO-ADNS-5100 Datasheet
228Kb / 4P
Solid-State Optical Mouse Lens
ADNS-5020-EN AVAGO-ADNS-5020-EN Datasheet
330Kb / 24P
Optical Mouse Sensor
logo
Agilent(Hewlett-Packard...
ADNK-2052 HP-ADNK-2052 Datasheet
717Kb / 51P
Solid-State Optical Mouse Sensor
HDNS-2100 HP-HDNS-2100 Datasheet
172Kb / 2P
Solid-State Optical Mouse Lens
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-2051 AVAGO-ADNS-2051 Datasheet
588Kb / 40P
Optical Mouse Sensor
ADNS-2120 AVAGO-ADNS-2120 Datasheet
123Kb / 4P
Solid-State Optical Mouse Lens
logo
Broadcom Corporation.
ADNK-5000 BOARDCOM-ADNK-5000 Datasheet
63Kb / 1P
Solid-State Optical Mouse Sensor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com