Electronic Components Datasheet Search
  English  ▼

X  

LM311 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # LM311
Description  Voltage comparator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LM311 Datasheet(HTML) 5 Page - NXP Semiconductors

  LM311 Datasheet HTML 1Page - NXP Semiconductors LM311 Datasheet HTML 2Page - NXP Semiconductors LM311 Datasheet HTML 3Page - NXP Semiconductors LM311 Datasheet HTML 4Page - NXP Semiconductors LM311 Datasheet HTML 5Page - NXP Semiconductors LM311 Datasheet HTML 6Page - NXP Semiconductors LM311 Datasheet HTML 7Page - NXP Semiconductors LM311 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Philips Semiconductors
Product data
AU211/LM111/211/311/311B
Voltage comparator
2003 Sep 30
5
TYPICAL APPLICATIONS
INPUT
R1
3 k
Ω
BAL
R2
3 k
Ω
V+ = 5 V
TO
MOS
LOGIC
R3
10 k
Ω
V– = 10V
5
6
8
7
1
4
3
2
INPUT
+
–
LM311
+
–
LM311
V+ 5 V
R3
2 k
Ω
TTL
OUTPUT
8
7
3
2
4
1
R1
4.5 k
Ω
R2
1 k
Ω
MAGNETIC
PICKUP
+
–
LM311
V+ = 5 V
TO TTL
OUTPUT
2
3
8
7
1
4
R4
82 k
Ω
R2
47 k
Ω
C1
R1
240 k
Ω
R3
82 k
Ω
R5
1 k
Ω
Zero Detector
Driving MOS Logic
Detector for Magnetic
Transducer
TTL Interface with
High Level Logic
* Values shown are for a 0 to 30 V logic swing and a 15 V threshold.
** May be added to control speed and reduce susceptibility to noise spikes.
SL00064
Figure 3. Typical Applications



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com